Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAQ7980 Datasheet(PDF) 17 Page - Analog Devices

Part # ADAQ7980
Description  16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ7980 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADAQ7980 Datasheet HTML 13Page - Analog Devices ADAQ7980 Datasheet HTML 14Page - Analog Devices ADAQ7980 Datasheet HTML 15Page - Analog Devices ADAQ7980 Datasheet HTML 16Page - Analog Devices ADAQ7980 Datasheet HTML 17Page - Analog Devices ADAQ7980 Datasheet HTML 18Page - Analog Devices ADAQ7980 Datasheet HTML 19Page - Analog Devices ADAQ7980 Datasheet HTML 20Page - Analog Devices ADAQ7980 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Data Sheet
ADAQ7980/ADAQ7988
Rev. 0 | Page 17 of 49
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 3.5 V to 10 V, V+ = 6.3 V to 7.7 V, V− = −1.0 V to −2.5 V, VIO = 1.7 V to 5.5 V, VREF = 5 V, TA = 25°C, ADC driver in a unity-gain
buffer configuration, fSAMPLE = 1 MSPS (ADAQ7980), fSAMPLE = 500 kSPS (ADAQ7988), and fIN = 10 kHz, unless otherwise noted.
20
15
10
5
0
–5
–10
–15
–20
060k
50k
40k
30k
20k
10k
CODE
POSITIVE INL = +4.3ppm
NEGATIVE INL = –5.8ppm
Figure 5. Integral Nonlinearity vs. Code, REF = 5 V
20
15
10
5
0
–5
–10
–15
–20
2048
62048
52048
42048
32048
22048
12048
CODE
POSITIVE INL = +7.8ppm
NEGATIVE INL = –4.0ppm
Figure 6. Integral Nonlinearity vs. Code, V+ = VDD = 5 V, V− = 0 V,
REF = 3.3 V
0
–100
–120
–140
–40
–20
–60
–80
–160
0500k
400k
300k
200k
100k
450k
350k
250k
150k
50k
FREQUENCY (Hz)
SNR = 91.77dB
SINAD = 91.56dB
THD = –104.32dB
SFDR = 105.08dBc
Figure 7. FFT, REF = 5 V
20
15
10
5
0
–5
–10
–15
–20
060k
50k
40k
30k
20k
10k
CODE
POSITIVE DNL = 6.0ppm
NEGATIVE DNL = –6.4ppm
Figure 8. Differential Nonlinearity vs. Code, REF = 5 V
20
15
10
5
0
–5
–10
–15
–20
2048
62048
52048
42048
32048
22048
12048
CODE
POSITIVE DNL = 6.9ppm
NEGATIVE DNL = –6.1ppm
Figure 9. Differential Nonlinearity vs. Code, V+ = VDD = 5 V, V− = 0 V,
REF = 3.3 V
0
–100
–120
–140
–40
–20
–60
–80
–160
0500k
400k
300k
200k
100k
450k
350k
250k
150k
50k
FREQUENCY (Hz)
SNR = 86.87dB
SINAD = 86.85dB
THD = –110.10dB
SFDR = 103.70dBc
Figure 10. FFT, REF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com