Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2301TM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2301TM
Description  PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2301TM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2301TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Power Supply Voltage
VCC
b
03V to a65V
VP
b
03V to a65V
Voltage on Any Pin
with GND e 0V (VI)
b
03V to VCC a03V
Storage Temperature Range (TS)
b
65 Cto a150 C
Lead Temperature (TL) (solder 4 sec)
a
260 C
Recommended Operating
Conditions
Power Supply Voltage
VCC
27V to 55V
VP
VCC to a55V
Operating Temperature (TA)
b
40 Cto a85 C
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur Operating Ratings indicate conditions for which the
device is intended to be functional but do not guarantee specific perform-
ance limits For guaranteed specifications and test conditions see the Elec-
trical Characteristics The guaranteed specifications apply only for the test
conditions listed
Note 2
This device is a high performance RF integrated circuit with an ESD
rating k 2 keV and is ESD sensitive Handling and assembly of this device
should only be done at ESD workstations
Electrical Characteristics VCC e 5V VP e 5V b40 C k TA k 85 C except as specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Power Supply Current
VCC e 30V
20
5
mA
VCC e 50V
30
mA
ICC-PWDN
Power Down Current
VCC e 30V
30
180
m
A
VCC e 50V
60
350
m
A
fIN
RF Input Operating Frequency
45
160
MHz
fOSC
Oscillator Input Operating Frequency
5
20
MHz
fw
Phase Detector Frequency
10
MHz
PfIN
Input Sensitivity
VCC e 27V to 55V
b
10
a
6
dBm
VOSC
Oscillator Sensitivity
OSCIN
05
VPP
VIH
High-Level Input Voltage
07 VCC
V
VIL
Low-Level Input Voltage
03 VCC
V
IIH
High-Level Input Current (Clock Data)
VIH e VCC e 55V
b
10
10
m
A
IIL
Low-Level Input Current (Clock Data)
VIL e 0V VCC e 55V
b
10
10
m
A
IIH
Oscillator Input Current
VIH e VCC e 55V
100
m
A
IIL
VIL e 0V VCC e 55V
b
100
m
A
IIH
High-Level Input Current (LE FC)
VIH e VCC e 55V
b
10
10
m
A
IIL
Low-Level Input Current (LE FC)
VIL e 0V VCC e 55V
b
100
10
m
A
Except fIN and OSCIN
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com