Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2301TM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2301TM
Description  PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2301TM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2301TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLW12458
PRELIMINARY
November 1996
LMX2301
PLLatinum
TM 160 MHz Frequency Synthesizer
for RF Personal Communications
General Description
The LMX2301 is a high performance frequency synthesizer
designed for RF operation up to 160 MHz It is fabricated
using National’s ABiC IV BiCMOS process
LMX2301 which employs the digital phase lock loop tech-
nique combined with a high quality reference oscillator and
a loop filter provides the tuning voltage for the voltage con-
trolled oscillator to generate a very stable low noise local
oscillator signal
Serial data is transferred into the LMX2301 via a three line
MICROWIRETM interface (Data Enable Clock) Supply volt-
age can range from 27V to 55V
The LMX2301 features very low current consumption typi-
cally 2 mA at 3V
The LMX2301 is available in a TSSOP 20-pin surface mount
plastic package
Features
Y
RF operation up to 160 MHz
Y
27V to 55V operation
Y
Low current consumption
ICC e 2 mA (typ) at VCC e 3V
Y
Internal balanced low leakage charge pump
Y
Small-outline plastic surface mount TSSOP
0173
wide package
Applications
Y
Analog Cellular telephone systems
(AMPS ETACS NMT)
Y
Portable wireless communications
(PCSPCN cordless)
Y
Other wireless communication systems
Block Diagram
TLW12458 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM and PLLatinumTM are trademarks of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M126Printed in U S A
http
www nationalcom


Similar Part No. - LMX2301TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2305TM NSC-LMX2305TM Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2305TMX NSC-LMX2305TMX Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2301TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2332LTMX NSC-LMX2332LTMX Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com