Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2301TM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2301TM
Description  PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2301TM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2301TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Functional Description (Continued)
PROGRAMMABLE DIVIDER (N COUNTER)
The N counter consists of the 11-bit programmable counter If the Control Bit (last bit shifted into the Data Register) is LOW
data is transferred from the 19-bit shift register into an 11-bit latch which sets the 11-bit programmable Counter Serial data
format is shown below
TLW12458 – 15
Note
R8 to R18 Programmable counter divide ratio control bits (3 to 2047)
7 LSB BITS OF N REGISTER
Divide
N
N
N
N
N
N
N
Ratio
7
6
5
4
3
2
1
X
X
XXXXXX
Note
X e Don’t care state
11-BIT PROGRAMMABLE COUNTER DIVIDE RATIO
Divide
18
N
17
N
16
N
15
N
14
N
13
N
12
N
11
N
10
NN
9
N
8
Ratio
N
3
000000000
1
1
4
000000001
0
0
#
#########
#
#
2047
1
1
1
1
1
1
1
1
1
1
1
Note
Divide ratio 3 to 2047 (Divide ratios less than 3 are prohibited)
EQUATION FOR OUTPUT FREQUENCY
DETERMINATION
fVCO e N c fOSC R
fVCO Output frequency of external voltage controlled oscil-
lator (VCO)
N
Preset divide ratio of binary 11-bit programmable
counter (3 to 2047)
fOSC Output frequency of the external reference frequency
oscillator
R
Preset divide ratio of binary 14-bit programmable ref-
erence counter (3 to 16383)
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com