Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q106-R00xx Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # Q106-R00xx
Description  Ideal for space limited applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

Q106-R00xx Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  Q106-R00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HLMP-P106/P156
HLMP-Q102/Q152/Q106/Q156
Subminiature High Performance TS AlGaAs Red LED Lamps
Data Sheet
Features
 Subminiature flat top package
Ideal for backlighting and light piping applications
 Subminiature dome package
Diffused dome for wide viewing angle
Non-diffused dome for high brightness
 Wide range of drive currents 500 A to 50 mA
 Ideal for space limited applications
 Axial leads
 Available with lead configurations for surface mount
and through hole PC board mounting
Description
Flat Top Package
The HLMP-Pxxx Series flat top lamps use an untinted,
non-diffused, truncated lens to provide a wide radiation
pattern that is necessary for use in backlighting applica-
tions. The flat top lamps are also ideal for use as emitters
in light pipe applications.
Dome Packages
The HLMP-Qxxx Series dome lamps, for use as indicators,
use a tinted, diffused lens to provide a wide viewing angle
with high on-off contrast ratio. High brightness lamps use
an untinted, nondiffused lens to provide a high luminous
intensity within a narrow radiation pattern.
Lead Configurations
All of these devices are made by encapsulating LED chips
on axial lead frames to form molded epoxy subminia-
ture lamp packages. A variety of package configuration
options is available. These include special surface mount
lead configurations, gull wing, yoke lead, or Z-bend. Right
angle lead bends at 2.54 mm (0.100 inch) and 5.08 mm
(0.200 inch) center spacing are available for through hole
mounting. For more information refer to Standard SMT
and Through Hole Lead Bend Options for Subminiature
LED Lamps data sheet.
Technology
These subminiature solid state lamps utilize a highly
optimized LED material technology, transparent substrate
aluminum gallium arsenide (TS AlGaAs). This LED tech-
nology has a very high luminous efficiency, capable of
producing high light output over a wide range of drive
currents (500
A to 50 mA). The color is deep red at a
dominant wavelength of 644 nm deep red. TS AlGaAs is a
flip-chip LED technology, die attached to the anode lead
and wire bonded to the cathode lead. Available viewing
angles are 75°, 35°, and 15°.


Similar Part No. - Q106-R00xx

ManufacturerPart #DatasheetDescription
logo
Mersen
Q1061533 MERSEN-Q1061533 Datasheet
318Kb / 2P
1000V DC Midget (10x38mm) Photovoltaic Fuses
Q1064316 MERSEN-Q1064316 Datasheet
2Mb / 18P
HelioProtection® HP15NH Photovoltaic fuse-links gPV 1500VDC
0922
More results

Similar Description - Q106-R00xx

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
Compact design for space-limited application
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
Ideal for high vibration applications
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
Ideal for marine applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
Ideal For Buck Regulator Applications
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
Compact design for space-limited application
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
Ideal for high vibration applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
Ideal for current sensing applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com