Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q106-R00xx Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # Q106-R00xx
Description  Ideal for space limited applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

Q106-R00xx Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  Q106-R00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
5
300
0.0
IPEAK – PEAK FORWARD CURRENT – mA
10
20
50
100
2
1
200
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
0
0
1
0
0
6
10 -3
WAVELENGTH – nm
700
500
10 -2
10 -1
1.0
2
0.5
0.01
IF – DC FORWARD CURRENT – mA
510
20
50
2.4
2.0
1.0
0.2
0.1
0.05
1
0.5
5
.
3
0
.
1
300
20
1
V F – FORWARD VOLTAGE – V
1.5
2.0
2.5
3.0
200
100
50
10
5
2
0.5
0
50
0
IPEAK – PEAK FORWARD CURRENT – mA
150
250
50
40
30
20
10
100
200
300
f > 1000 Hz
f > 300 Hz
f > 100 Hz
0
0
T A – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
RθJA = 400° C/W
RθJA = 550° C/W
Electrical Characteristics at TA = 25°C
Capacitance
Speed of Response
Forward Voltage
Reverse Breakdown
C (pF)
s (ns)
Part
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 A
f = 1 MHz
Resistance
e-t/s
HLMP-
Typ.
Max.
Min.
Typ.
Typ.
R
J-PIN (°C/W)
Typ.
Q106
1.9
2.4
5
20
20
170
45
Q102
1.9
2.4
5
20
20
170
45
P106
1.9
2.4
5
20
20
170
45
Electrical Characteristics at TA = 25°C
Part
Capacitance
Speed of Response
Number
Forward Voltage
Reverse Breakdown
C (pF)
s (ns)
(Low
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Current)
@ IF = 0.5 mA
@ IR = 100 A
f = 1 MHz
Resistance
e-t/s
HLMP-
Typ.
Max.
Min.
Typ.
Typ.
R
J-PIN (°C/W)
Typ.
Q156
1.6
1.9
5
20
20
170
45
Q152
1.6
1.9
5
20
20
170
45
P156
1.6
1.9
5
20
20
170
45
Figure 5. Relative efficiency vs. peak forward
current.
Figure 7. Maximum average current vs. peak
forward current.
Figure 6. Maximum forward DC current vs.
ambient temperature. Derating based on
TJMAX = 110°C.
Figure 2. Relative intensity vs. wavelength.
Figure 4. Relative luminous intensity vs. DC
forward current.
Figure 3. Forward current vs. forward voltage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com