Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q106-R00xx Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # Q106-R00xx
Description  Ideal for space limited applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

Q106-R00xx Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  Q106-R00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Device Selection Guide
Viewing Angle
Deep Red
Typical Iv
Typical Iv
Package Description
2
1/2
Rd = 644 nm
IF = 500 a
IF = 20 mA
Package Outline
Domed, Diffused Tinted,
35
HLMP-Q102
100
B
Standard Current
Domed, Diffused Tinted,
35
HLMP-Q152
2
B
Low Current
Domed, Nondiffused
15
HLMP-Q106
400
B
Untinted, Standard Current
Domed, Nondiffused
15
HLMP-Q156
7
B
Untinted, Low Current
Flat Top, Nondiffused,
75
HLMP-P106
130
A
Untinted, Standard Current
Flat Top, Nondiffused
75
HLMP-P156
2
A
Untinted, Low Current
Ordering Information
HLMX-XXXX-X X X X X
4 x 4 Prod.
Part
Number
Min. Iv Bin
Max. Iv Bin
Color Bin
Selection
Packaging
Option



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com