Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860EC Datasheet(PDF) 39 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 35Page - Motorola, Inc MPC860EC Datasheet HTML 36Page - Motorola, Inc MPC860EC Datasheet HTML 37Page - Motorola, Inc MPC860EC Datasheet HTML 38Page - Motorola, Inc MPC860EC Datasheet HTML 39Page - Motorola, Inc MPC860EC Datasheet HTML 40Page - Motorola, Inc MPC860EC Datasheet HTML 41Page - Motorola, Inc MPC860EC Datasheet HTML 42Page - Motorola, Inc MPC860EC Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
39
Bus Signal Timing
Table 9-11 shows the reset timing for the MPC860.
Figure 9-31 shows the reset timing for the data bus configuration.
Table 9-11. Reset Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
R69 CLKOUT to HRESET high
impedance
—
20.00
—
20.00
—
20.00
—
20.00
ns
R70 CLKOUT to SRESET high
impedance
—
20.00
—
20.00
—
20.00
—
20.00
ns
R71 RSTCONF pulse width
515.15
—
425.00
340.00
—
257.58
—
ns
R72 —
————————
R73 Configuration data to HRESET rising
edge setup time
504.55
—
425.00
—
350.00
—
277.27
—
ns
R74 Configuration data to RSTCONF
rising edge setup time
350.00
—
350.00
—
350.00
—
350.00
—
ns
R75 Configuration data hold time after
RSTCONF negation
0.00
—
0.00
—
0.00
—
0.00
—
ns
R76 Configuration data hold time after
HRESET negation
0.00
—
0.00
—
0.00
—
0.00
—
ns
R77 HRESET and RSTCONF asserted to
data out drive
—
25.00
25.00
—
25.00
—
25.00
ns
R78 RSTCONF negated to data out high
impedance
—
25.00
—
25.00
—
25.00
—
25.00
ns
R79 CLKOUT of last rising edge before
chip three-state HRESET to data out
high impedance
—
25.00
—
25.00
—
25.00
—
25.00
ns
R80 DSDI, DSCK setup
90.91
—
75.00
—
60.00
—
45.45
—
ns
R81 DSDI, DSCK hold time
0.00
—
0.00
—
0.00
—
0.00
—
ns
R82 SRESET negated to CLKOUT rising
edge for DSDI and DSCK sample
242.42
—
200.00
—
160.00
—
121.21
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com