Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860EC Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 2 Page - Motorola, Inc

  MPC860EC Datasheet HTML 1Page - Motorola, Inc MPC860EC Datasheet HTML 2Page - Motorola, Inc MPC860EC Datasheet HTML 3Page - Motorola, Inc MPC860EC Datasheet HTML 4Page - Motorola, Inc MPC860EC Datasheet HTML 5Page - Motorola, Inc MPC860EC Datasheet HTML 6Page - Motorola, Inc MPC860EC Datasheet HTML 7Page - Motorola, Inc MPC860EC Datasheet HTML 8Page - Motorola, Inc MPC860EC Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
2
MPC860 Family Hardware Specifications
MOTOROLA
Features
MPC8xx core that incorporates memory management units (MMUs) and instruction and
data caches and that implements the PowePC instruction set. The communications
processor module (CPM) from the MC68360 QUICC has been enhanced by the addition of
the inter-integrated controller (I2C) channel. The memory controller has been enhanced,
enabling the MPC860 to support any type of memory, including high-performance
memories and new types of DRAMs. A PCMCIA socket controller supports up to two
sockets. A real-time clock has also been integrated.
Table 1 shows the functionality supported by the members of the MPC860 family.
Part II Features
The following list summarizes the key MPC860 features:
•
Embedded single-issue, 32-bit MPC8xx core (implementing the PowerPC
architecture) with thirty-two 32-bit general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch, without
conditional execution
— 4- or 8-Kbyte data cache and 4- or 16-Kbyte instruction cache (see Table 1)
– 16-Kbyte instruction caches are four-way, set-associative with 256 sets;
4-Kbyte instruction caches are two-way, set-associative with 128 sets.
– 8-Kbyte data caches are two-way, set-associative with 256 sets; 4-Kbyte data
caches are two-way, set-associative with 128 sets.
– Cache coherency for both instruction and data caches is maintained on 128-bit
(4-word) cache blocks.
Table 1. MPC860 Family Functionality
Part
Cache (Kbytes)
Ethernet
ATM
SCC
Ref. 1
1
Supporting documentation for these devices refers to the following:
1. MPC860 PowerQUICC User’s Manual (MPC860UM/D, Rev. 1).
2. MPC8XX ATM Supplement (MPC860SARUM/AD).
3. MPC860T (Rev. D), Fast Ethernet Controller Supplement (MPC860TREVDSUPP).
4. MPC855T User’s Manual (MPC855TUM/D, Rev. 1).
Instruction
Cache
Data Cache
10T
10/100
MPC860DE
4
4
Up to 2
—
—
2
1
MPC860DT
4
4
Up to 2
1
yes
2
1,2,3
MPC860DP
16
8
Up to 2
1
yes
2
1,2,3
MPC860EN
4
4
Up to 4
—
—
4
1
MPC860SR
4
4
Up to 4
—
yes
4
1,2
MPC860T
4
4
Up to 4
1
yes
4
1,2,3
MPC860P
16
8
Up to 4
1
yes
4
1,2,3
MPC855T
4
4
1
1
yes
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com