Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860EC Datasheet(PDF) 41 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 41 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 37Page - Motorola, Inc MPC860EC Datasheet HTML 38Page - Motorola, Inc MPC860EC Datasheet HTML 39Page - Motorola, Inc MPC860EC Datasheet HTML 40Page - Motorola, Inc MPC860EC Datasheet HTML 41Page - Motorola, Inc MPC860EC Datasheet HTML 42Page - Motorola, Inc MPC860EC Datasheet HTML 43Page - Motorola, Inc MPC860EC Datasheet HTML 44Page - Motorola, Inc MPC860EC Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
41
IEEE 1149.1 Electrical Specifications
Figure 9-33. Reset Timing—Debug Port Configuration
Part X IEEE 1149.1 Electrical Specifications
Table 10-12 provides the JTAG timings for the MPC860 shown in Figure 10-34 through
Figure 10-37.
Table 10-12. JTAG Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
J82
TCK cycle time
100.00
—
ns
J83
TCK clock pulse width measured at 1.5 V
40.00
—
ns
J84
TCK rise and fall times
0.00
10.00
ns
J85
TMS, TDI data setup time
5.00
—
ns
J86
TMS, TDI data hold time
25.00
—
ns
J87
TCK low to TDO data valid
—
27.00
ns
J88
TCK low to TDO data invalid
0.00
—
ns
J89
TCK low to TDO high impedance
—
20.00
ns
J90
TRST assert time
100.00
—
ns
J91
TRST setup time to TCK low
40.00
—
ns
J92
TCK falling edge to output valid
—
50.00
ns
J93
TCK falling edge to output valid out of high impedance
—
50.00
ns
J94
TCK falling edge to output high impedance
—
50.00
ns
J95
Boundary scan input valid to TCK rising edge
50.00
—
ns
J96
TCK rising edge to boundary scan input invalid
50.00
—
ns
CLKOUT
SRESET
DSCK, DSDI
R70
R82
R80
R80
R81
R81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com