Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA.08 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # ILA.08
Description  Omni-Directional
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA.08 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  ILA.08 Datasheet HTML 1Page - Taoglas antenna solutions ILA.08 Datasheet HTML 2Page - Taoglas antenna solutions ILA.08 Datasheet HTML 3Page - Taoglas antenna solutions ILA.08 Datasheet HTML 4Page - Taoglas antenna solutions ILA.08 Datasheet HTML 5Page - Taoglas antenna solutions ILA.08 Datasheet HTML 6Page - Taoglas antenna solutions ILA.08 Datasheet HTML 7Page - Taoglas antenna solutions ILA.08 Datasheet HTML 8Page - Taoglas antenna solutions ILA.08 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DSP-15-8- SPE-16-08-050/A/WY
Page 1 of 19
SPECIFICATION
Part No.
:
ILA.08
Description
: 868MHz Embedded Ceramic Loop Antenna
for ISM/Lora/LPWAN/Sigfox
Features
: 5.0mm *3.0mm * 0.5mm
High Efficiency
Omni-Directional
Low profile
Tiny Size
Surface-Mount
RoHS compliant


Similar Part No. - ILA.08

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
ILA.01 TAOGLAS-ILA.01 Datasheet
976Kb / 12P
RoHS Compliant
ILA.02 TAOGLAS-ILA.02 Datasheet
986Kb / 12P
RoHS Compliant
ILA.09 TAOGLAS-ILA.09 Datasheet
2Mb / 18P
Omni-Directional
More results

Similar Description - ILA.08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-418-PW-LP ETC2-ANT-418-PW-LP Datasheet
173Kb / 1P
Omni-directional pattern
ANT-433-PW-LP ETC2-ANT-433-PW-LP Datasheet
173Kb / 1P
Omni-directional pattern
ANT-433-PW-RA ETC2-ANT-433-PW-RA Datasheet
170Kb / 1P
Omni-directional pattern
ANT-868-PW-QW ETC2-ANT-868-PW-QW Datasheet
142Kb / 1P
Omni-directional pattern
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
TG.22.0221 TAOGLAS-TG.22.0221 Datasheet
1,007Kb / 11P
Omni-Directional
TG.22.0222 TAOGLAS-TG.22.0222 Datasheet
916Kb / 11P
Omni-Directional
FW.24.NTY.M TAOGLAS-FW.24.NTY.M Datasheet
866Kb / 15P
Omni-directional
ILA.09 TAOGLAS-ILA.09 Datasheet
2Mb / 18P
Omni-Directional
ISA.01.A.301111 TAOGLAS-ISA.01.A.301111 Datasheet
742Kb / 11P
Omni-Directional
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com