Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA.08 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # ILA.08
Description  Omni-Directional
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA.08 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  ILA.08 Datasheet HTML 1Page - Taoglas antenna solutions ILA.08 Datasheet HTML 2Page - Taoglas antenna solutions ILA.08 Datasheet HTML 3Page - Taoglas antenna solutions ILA.08 Datasheet HTML 4Page - Taoglas antenna solutions ILA.08 Datasheet HTML 5Page - Taoglas antenna solutions ILA.08 Datasheet HTML 6Page - Taoglas antenna solutions ILA.08 Datasheet HTML 7Page - Taoglas antenna solutions ILA.08 Datasheet HTML 8Page - Taoglas antenna solutions ILA.08 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DSP-15-8- SPE-16-08-050/A/WY
Page 3 of 19
2.Specification
Electrical Characteristics*
Frequency (MHz)
863
868
870
Peak Gain (dBi)
-0.91
-0.51
-0.72
Efficiency (%)
42.57
46.47
44.57
Return Loss (dB)
<-10
<-10
<-10
Impedance (Ω)
50
Polarization
Linear
Input Power
10W
MECHANICAL
Dimensions (mm)
5.0 x 3.0 x 0.5
Ground plane (mm)
80 x 40 (Standard Evaluation Board)
Weight (g)
0.02
ENVIRONMENTAL
Operating Temperature
-40°C to 85°C
Storage Temperature
-25°C to 85°C
Relative Humidity
20% to 70%
*Tested on 80mm*40mm evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com