Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA.08 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # ILA.08
Description  Omni-Directional
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA.08 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  ILA.08 Datasheet HTML 1Page - Taoglas antenna solutions ILA.08 Datasheet HTML 2Page - Taoglas antenna solutions ILA.08 Datasheet HTML 3Page - Taoglas antenna solutions ILA.08 Datasheet HTML 4Page - Taoglas antenna solutions ILA.08 Datasheet HTML 5Page - Taoglas antenna solutions ILA.08 Datasheet HTML 6Page - Taoglas antenna solutions ILA.08 Datasheet HTML 7Page - Taoglas antenna solutions ILA.08 Datasheet HTML 8Page - Taoglas antenna solutions ILA.08 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DSP-15-8- SPE-16-08-050/A/WY
Page 2 of 19
1.Introduction
The ILA.08 is a new 868 MHz ISM band embedded ceramic loop antenna from
Taoglas featuring a good efficiency of 45% at the center of the band. It is the
perfect solution for the growing amount of devices using the 868Mhz band, such as
Sigfox or LoRa applications in Europe, or in metering applications.
This antenna works the best when placed at the center of the board edge. The
ILA.08 antenna, at 5 x 3 x 0.5 mm, is low profile and would be suitable for devices
with space constraints. The ILA.08 is delivered on tape and reel and now allows
M2M customers to use an omni-directional SMT antenna. The omni-directional
radiation characteristics allow for excellent performance regardless of device
orientation. This is especially useful for devices that are not fixed in one particular
spot during use. When there is little PCB space available for antenna placement, but
high performance is required, the ILA.08 is the ideal choice.
The antenna is manufactured in a TS16949 first tier automotive approved facility
and has passed the most stringent reliability testing. Since it is SMD, it is much
easier to integrate and more reliable in high volume production compared to helical
antennas which are cumbersome to install and subject to variability due to need for
manual assembly.
Typical Applications:
- Sigfox
- Lora
- LPWAN
- Automated Meter Reading (AMR)
- RFID
- Remote Monitoring
- Healthcare
- Sensing
- Alarm Systems
- Handheld Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com