Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC855
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC855 Datasheet HTML 7Page - Motorola, Inc MPC855 Datasheet HTML 8Page - Motorola, Inc MPC855 Datasheet HTML 9Page - Motorola, Inc MPC855 Datasheet HTML 10Page - Motorola, Inc MPC855 Datasheet HTML 11Page - Motorola, Inc MPC855 Datasheet HTML 12Page - Motorola, Inc MPC855 Datasheet HTML 13Page - Motorola, Inc MPC855 Datasheet HTML 14Page - Motorola, Inc MPC855 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
11
Estimation with Junction-to-Board Thermal Resistance
where:
RθJA = junction-to-ambient thermal resistance (ºC/W)
RθJC = junction-to-case thermal resistance (ºC/W)
RθCA = case-to-ambient thermal resistance (ºC/W)
RθJC is device related and cannot be influenced by the user. The user adjusts the thermal
environment to affect the case-to-ambient thermal resistance, RθCA. For instance, the user
can change the air flow around the device, add a heat sink, change the mounting
arrangement on the printed circuit board, or change the thermal dissipation on the printed
circuit board surrounding the device. This thermal model is most useful for ceramic
packages with heat sinks where some 90% of the heat flows through the case and the heat
sink to the ambient environment. For most packages, a better model is required.
7.3
Estimation with Junction-to-Board Thermal
Resistance
A simple package thermal model which has demonstrated reasonable accuracy (about 20%)
is a two resistor model consisting of a junction-to-board and a junction-to-case thermal
resistance. The junction-to-case covers the situation where a heat sink is used or where a
substantial amount of heat is dissipated from the top of the package. The junction-to-board
thermal resistance describes the thermal performance when most of the heat is conducted
to the printed circuit board. It has been observed that the thermal performance of most
plastic packages and especially PBGA packages is strongly dependent on the board
temperature; see Figure 7-1.
Figure 7-1. Effect of Board Temperature Rise on Thermal Behavior
0
10
20
30
40
50
60
70
80
90
100
0
2 04 06 0
8 0
Board Temperture Rise Above Ambient Divided by Package
Board Temperature Rise Above Ambient Divided by Package Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com