Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855 Datasheet(PDF) 19 Page - Motorola, Inc

Part # MPC855
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MPC855 Datasheet HTML 15Page - Motorola, Inc MPC855 Datasheet HTML 16Page - Motorola, Inc MPC855 Datasheet HTML 17Page - Motorola, Inc MPC855 Datasheet HTML 18Page - Motorola, Inc MPC855 Datasheet HTML 19Page - Motorola, Inc MPC855 Datasheet HTML 20Page - Motorola, Inc MPC855 Datasheet HTML 21Page - Motorola, Inc MPC855 Datasheet HTML 22Page - Motorola, Inc MPC855 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
19
Bus Signal Timing
B33
CLKOUT falling edge to GPL
valid—as requested by control bit
GxT4 in the corresponding word in
UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B33a CLKOUT rising edge to GPL
valid—as requested by control bit
GxT3 in the corresponding word in
UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B34
A(0:31), BADDR(28:30), and D(0:31)
to CS valid—as requested by control
bit CST4 in the corresponding word in
UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B34a A(0:31), BADDR(28:30), and D(0:31)
to CS valid—as requested by control
bit CST1 in the corresponding word in
UPM
13.15
—
10.50
—
8.00
—
5.58
—
ns
B34b A(0:31), BADDR(28:30), and D(0:31)
to CS valid—as requested by control
bit CST2 in the corresponding word in
UPM
20.73
—
16.75
—
13.00
—
9.36
—
ns
B35
A(0:31), BADDR(28:30) to CS
valid—as requested by control bit
BST4 in the corresponding word in
UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B35a A(0:31), BADDR(28:30), and D(0:31)
to BS valid—as requested by control
bit BST1 in the corresponding word in
UPM
13.15
—
10.50
—
8.00
—
5.58
—
ns
B35b A(0:31), BADDR(28:30), and D(0:31)
to BS valid—as requested by control
bit BST2 in the corresponding word in
UPM
20.73
—
16.75
—
13.00
—
9.36
—
ns
B36
A(0:31), BADDR(28:30), and D(0:31)
to GPL valid—as requested by
control bit GxT4 in the corresponding
word in UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B37
UPWAIT valid to CLKOUT falling
edge 9
6.00
—
6.00
—
6.00
—
6.00
—
ns
B38
CLKOUT falling edge to UPWAIT
valid 9
1.00
—
1.00
—
1.00
—
1.00
—
ns
B39
AS valid to CLKOUT rising edge 10
7.00
—
7.00
—
7.00
—
7.00
—
ns
B40
A(0:31), TSIZ(0:1), RD/WR, BURST,
valid to CLKOUT rising edge
7.00
—
7.00
—
7.00
—
7.00
—
ns
Table 9-6. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com