Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC855
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC855 Datasheet HTML 8Page - Motorola, Inc MPC855 Datasheet HTML 9Page - Motorola, Inc MPC855 Datasheet HTML 10Page - Motorola, Inc MPC855 Datasheet HTML 11Page - Motorola, Inc MPC855 Datasheet HTML 12Page - Motorola, Inc MPC855 Datasheet HTML 13Page - Motorola, Inc MPC855 Datasheet HTML 14Page - Motorola, Inc MPC855 Datasheet HTML 15Page - Motorola, Inc MPC855 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
12
MPC860 Family Hardware Specifications
MOTOROLA
Estimation Using Simulation
If the board temperature is known, an estimate of the junction temperature in the
environment can be made using the following equation:
TJ = TB + (RθJB × PD)
where:
RθJB = junction-to-board thermal resistance (ºC/W)
TB = board temperature (ºC)
PD = power dissipation in package
If the board temperature is known and the heat loss from the package case to the air can be
ignored, acceptable predictions of junction temperature can be made. For this method to
work, the board and board mounting must be similar to the test board used to determine the
junction-to-board thermal resistance, namely a 2s2p (board with a power and a ground
plane) and vias attaching the thermal balls to the ground plane.
7.4
Estimation Using Simulation
When the board temperature is not known, a thermal simulation of the application is
needed. The simple two resistor model can be used with the thermal simulation of the
application [2], or a more accurate and complex model of the package can be used in the
thermal simulation.
7.5
Experimental Determination
To determine the junction temperature of the device in the application after prototypes are
available, the thermal characterization parameter (
ΨJT) can be used to determine the
junction temperature with a measurement of the temperature at the top center of the
package case using the following equation:
TJ = TT + (ΨJT × PD)
where:
Ψ
JT = thermal characterization parameter
TT = thermocouple temperature on top of package
PD = power dissipation in package
The thermal characterization parameter is measured per JEDEC JESD51-2 specification
using a 40 gauge type T thermocouple epoxied to the top center of the package case. The
thermocouple should be positioned so that the thermocouple junction rests on the package.
A small amount of epoxy is placed over the thermocouple junction and over about 1 mm of
wire extending from the junction. The thermocouple wire is placed flat against the package
case to avoid measurement errors caused by cooling effects of the thermocouple wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com