Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8880CS/CS-1 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8880CS/CS-1
Description  Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS/CS-1 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8880CS/CS-1 Datasheet HTML 4Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 5Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 6Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 9Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 10Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 11Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MT8880C/MT8880C-1 ISO2-CMOS
4-40
Equation 1. THD (%) For a Single Tone
Equation 2. THD (%) For a Dual Tone
Table 1. Actual Frequencies Versus Standard
Requirements
using Equation 2. VL and VH correspond to the low
group
amplitude
and
high
group
amplitude,
respectively, and V2IMD is the sum of all the
intermodulation components. The internal switched-
capacitor filter following the D/A converter keeps
distortion products down to a very low level as
shown in Figure 10.
DTMF Clock Circuit
The internal clock circuit is completed with the
addition of a standard television colour burst crystal.
The crystal specification is as follows:
Frequency:
3.579545 MHz
Frequency Tolerance:
±
0.1%
Resonance Mode:
Parallel
Load Capacitance:
18pF
ACTIVE
INPUT
OUTPUT FREQUENCY
(Hz)
%ERROR
SPECIFIED
ACTUAL
L1
697
699.1
+0.30
L2
770
766.2
-0.49
L3
852
847.4
-0.54
L4
941
948.0
+0.74
H1
1209
1215.9
+0.57
H2
1336
1331.7
-0.32
H3
1477
1471.9
-0.35
H4
1633
1645.0
+0.73
THD(%) =
100
Vfundamental
V22f + V
2
3f + V
2
4f + .... V
2
nf
V2L + V
2
H
V22L + V
2
3L + .... V
2
nL + V
2
2H +
V
2
3H + .. V
2
nH + V
2
IMD
THD (%) = 100
Maximum Series Resistance:150 ohms
Maximum Drive Level:
2mW
e.g.
CTS Knights MP036S
Toyocom TQC-203-A-9S
A
number
of
MT8880C/C-1
devices
can
be
connected as shown in Figure 12 such that only one
crystal is required. Alternatively, the OSC1 inputs on
all devices can be driven from a TTL buffer with the
OSC2 outputs left unconnected.
Figure 12 - Common Crystal Connection
Microprocessor Interface
The
MT8880C/C-1
employs
a
microprocessor
interface which allows precise control of transmitter
and receiver functions. There are five internal
registers
associated
with
the
microprocessor
interface
which
can
be
subdivided
into
three
categories, i.e., data transfer, transceiver control and
transceiver
status.
There
are
two
registers
associated with data transfer operations.
The Receive Data Register contains the output code
of the last valid DTMF tone pair to be decoded and is
a read only register. The data entered in the Transmit
Data Register will determine which tone pair is to be
generated (see Figure 7 for coding details). Data can
only be written to the transmit register. Transceiver
control is accomplished with two Control Registers
(CRA and CRB) which occupy the same address
space. A write operation to CRB can be executed by
setting the appropriate bit in CRA. The following
write operation to the same address will then be
directed to CRB and subsequent write cycles will
then be directed back to CRA. A software reset must
be included at the beginning of all programs to
initialize the control and status registers after power
up or power reset (see Figure 16). Refer to Tables 3,
4, 5 and 6 for details concerning the Control
Registers. The IRQ/CP pin can be programmed such
that it will provide an interrupt request signal upon
validation of DTMF signals or when the transmitter is
ready for more data (Burst mode only). The IRQ/CP
pin is configured as an open drain output device and
as such requires a pull-up resistor (see Figure 13).
MT8880C/C-1
OSC1
OSC2
MT8880C/C-1
OSC1
OSC2
MT8880C/C-1
OSC1
OSC2
3.579545 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com