Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8880CS/CS-1 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # MT8880CS/CS-1
Description  Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS/CS-1 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button MT8880CS/CS-1 Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 9Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 10Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 11Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 12Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 13Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 14Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 15Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MT8880C/MT8880C-1 ISO2-CMOS
4-44
Figure 15 - MT8880C/C-1 to 6802 Interface
Figure 16 - Application Hints
IRQ
Address
VMA
R/W
E
Data
Peripheral decode
+5V
3.3k
IRQ
RS0
CS
R/W
Φ2
Data
6802
MT8880C/C-1
EXAMPLE 1: A software reset must be included at the beginning of all programs to initialize the control
registers after power up. The initialization procedure should be implemented 100ms after power up.
Description
Control
Data
CS
RS0
R/W
b3
b2
b1
b0
1) Read Status Register
0
1
1
X
X
X
X
2) Write to Control Register
0
1
0
0
0
0
0
3) Write to Control Register
0
1
0
0
0
0
0
4) Write to Control Register
0
1
0
1
0
0
0
5) Write to Control Register
0
1
0
0
0
0
0
6) Read Status Register
0
1
1
X
X
X
X
EXAMPLE 2: Transmit DTMF tones of 50 ms burst/50 ms pause and Receive DTMF Tones
Description
CS
RS0
R/W
b3
b2
b1
b0
1) Write to Control Register A
0
1
0
1
1
0
1
(tone out, DTMF, IRQ, Select Control Register B)
2) Write to Control Register B
0
1
0
0
0
0
0
(burst mode)
3) Write to Transmit Data Register
0
0
0
0
1
1
1
(send a digit 7)
--------------------------------------
wait for an interrupt or poll Status Register ----------------------------------------------
4) Read the Status Register
0
1
1
X
X
X
X
-if bit 1 is set, the Tx is ready for the next tone, in which case...
Write to Transmit Register
0
0
0
0
1
0
1
(send a digit 5)
-if bit 2 is set, a DTMF tone has been received, in which case....
Read the Receive Data Register
0
0
1
X
X
X
X
-if both bits are set...
Read the Receive Data Register
0
0
1
X
X
X
X
Write to Transmit Data Register
0
0
0
0
1
0
1
NOTE: IN THE TX BURST MODE, STATUS REGISTER BIT 1 WILL NOT BE SET UNTIL 100 ms (±2 ms) AFTER THE DATA IS
WRITTEN TO THE TX DATA REGISTER. IN EXTENDED BURST MODE THIS TIME WILL BE DOUBLED TO 200 ms (± 4 ms)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com