Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8880CS/CS-1 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8880CS/CS-1
Description  Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CS/CS-1 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8880CS/CS-1 Datasheet HTML 1Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 2Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 3Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 4Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 5Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 6Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 7Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 8Page - Mitel Networks Corporation MT8880CS/CS-1 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MT8880C/MT8880C-1 ISO2-CMOS
4-34
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
20 24 28
1
1
1
IN+
Non-inverting op-amp input.
2
2
2
IN-
Inverting op-amp input.
334
GS
Gain Select. Gives access to output of front end differential amplifier for connection of
feedback resistor.
446VRef Reference Voltage output, nominally VDD/2 is used to bias inputs at mid-rail (see Fig. 13).
557
VSS Ground input (0V).
6
6
8
OSC1 DTMF clock/oscillator input.
7
7
9
OSC2 Clock output. A 3.579545 MHz crystal connected between OSC1 and OSC2 completes the
internal oscillator circuit. Leave open circuit when OSC1 is clock input.
810 12 TONE Tone output (DTMF or single tone).
911 13
R/W Read/Write input. Controls the direction of data transfer to and from the MPU and the
transceiver registers. TTL compatible.
10 12 14
CS
Chip Select, TTL input (CS=0 to select the chip).
11 13 15
RS0 Register Select input. See register decode table. TTL compatible.
12 14 17
Φ2 System Clock input. TTL compatible. N.B. Φ2 clock input need not be active when the
device is not being accessed.
13 15 18
IRQ/
CP
Interrupt Request to MPU (open drain output). Also, when call progress (CP) mode has
been selected and interrupt enabled the IRQ/CP pin will output a rectangular wave signal
representative of the input signal applied at the input op-amp. The input signal must be within
the bandwidth limits of the call progress filter. See Figure 8.
14-
17
18-
21
19-
22
D0-D3 Microprocessor Data Bus (TTL compatible). High impedance when CS = 1 or
Φ2 is low.
18 22 26
ESt
Early Steering output. Presents a logic high once the digital algorithm has detected a valid
tone pair (signal condition). Any momentary loss of signal condition will cause ESt to return to
a logic low.
19 23 27 St/GT Steering Input/Guard Time output (bidirectional). A voltage greater than VTSt detected at St
causes the device to register the detected tone pair and update the output latch. A voltage
less than VTSt frees the device to accept a new tone pair. The GT output acts to reset the
external steering time-constant; its state is a function of ESt and the voltage on St.
20 24 28
VDD Positive power supply input (+5V typical).
8,9
16,
17
3,5,
10,
11,
16,
23-
25
NC
No Connection.
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
TONE
R/W
CS
VDD
St/GT
ESt
D3
D2
D1
D0
IRQ/CP
Φ2
RS0
20 PIN CERDIP/PLASTIC DIP/SOIC
28 PIN PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
NC
VRef
VSS
OSC1
OSC2
NC
NC
NC
NC
NC
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
NC
TONE
R/W
CS
VDD
St/GT
ESt
D3
D2
D1
D0
NC
NC
NC
IRQ/CP
Φ2
RS0
24 PIN SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com