Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2335LSLB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335LSLB
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335LSLB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2335LSLB Datasheet HTML 7Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 8Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 9Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 10Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 11Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 12Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 13Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 14Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Functional Description (Continued)
PROGRAMMABLE DIVIDER (N COUNTER)
Each N counter consists of the 7-bit swallow counter (A counter) and the 11-bit programmable counter (B counter). If the Control
Bits are 10 or 11 (10 for RF2 counter and 11 for RF1 counter) data is transferred from the 20-bit shift register into a 7-bit latch
(which sets the Swallow (A) Counter) and an 11-bit latch (which sets the 11-bit programmable (B) Counter), MSB first. Serial data
format is shown below.
7-BIT SWALLOW COUNTER DIVIDE RATIO (A COUNTER)
Divide
N
7
N
6
N
5
N
4
N
3
N
2
N
1
Ratio
A
0
0000000
1
0000001
•
•••••••
127
1111111
Notes:
Divide ratio: 0 to 127
B
≥ A
A < P
11-BIT PROGRAMMABLE COUNTER DIVIDE RATIO (B COUNTER)
Divide
N
18
N
17
N
16
N
15
N
14
N
13
N
12
N
11
N
10
N
9
N
8
Ratio
B
3
00000000011
4
00000000100
•
•••••••••••
2047
11111111111
Note:
Divide ratio: 3 to 2047 (Divide ratios less than 3 are prohibited)
B
≥ A
PULSE SWALLOW FUNCTION
f
VCO = [(P xB)+ A]xfOSC/R
f
VCO:
Output frequency of external voltage controlled oscillator (VCO)
B:
Preset divide ratio of binary 11-bit programmable counter (3 to 2047)
A:
Preset divide ratio of binary 7-bit swallow counter
(0
≤ A ≤ P; A ≤ B)
f
OSC:
Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 15-bit programmable reference counter (3 to 32767)
P:
Preset modulus of dual moduIus prescaler (P = 64 or 128)
PROGRAMMABLE MODES
Several modes of operation can be programmed with bits R16–R20 including the phase detector polarity, charge pump tristate
and the output of the F
oLD pin. The prescaler and power down modes are selected with bits N19 and N20. The programmable
modes are shown in
Table 1. Truth table for the programmable modes and F
oLD output are shown in Table 2 and Table 3.
DS012807-7
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com