Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2335LSLB Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335LSLB
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335LSLB Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX2335LSLB Datasheet HTML 10Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 11Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 12Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 13Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 14Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 15Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 16Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 17Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Functional Description (Continued)
SERIAL DATA INPUT TIMING
PHASE COMPARATOR AND INTERNAL CHARGE PUMP CHARACTERISTICS
DS012807-9
Parenthesis data indicates programmable reference divider data.
Data shifted into register on clock rising edge.
Data is shifted in MSB first.
tCS = Data to Clock Set Up Time
tCH = Data to Clock Hold Time
tCWH = Clock Pulse Width High
tCWL = Clock Pulse Width Low
tES = Clock to Load Enable Set Up Time
tEW = Load Enable Pulse Width
Test Conditions: The Serial Data Input Timing is tested using a symmetrical waveform around VCC/2. The test waveform has an edge rate of 0.6V/ns with
amplitudes of 2.2V @ VCC = 2.7V and 2.6V @ VCC = 5.5V.
DS012807-10
Notes: Phase difference detection range: −2
π to +2π
The minimum width pump up and pump down current pulses occur at the Do pin when the loop is locked.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com