Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2335LSLB Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335LSLB
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335LSLB Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2335LSLB Datasheet HTML 11Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 12Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 13Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 14Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 15Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 16Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 17Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 18Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Typical Application Example
DS012807-11
Operational Notes:
*
VCO is assumed AC coupled.
**
R
IN increases impedance so that VCO output power is provided to the load rather than the PLL. Typical values are 10Ω
to 200
Ω depending on the VCO power level. f
IN RF impedance ranges from 40Ω to 100Ω.fIN IF impedances are higher.
***
50
Ω termination is often used on test boards to allow use of external reference oscillator. For most typical products a
CMOS clock is used and no terminating resistor is required. OSC
inmay be AC or DC coupled. AC coupling is recom-
mended because the input circuit provides its own bias. (See
Figure below).
****
R2 configured F
oLD for use in FastLock mode.
***** Adding RC filters to the V
CC lines is recommended to reduce loop-to-loop noise coupling.
DS012807-12
Application Hints:
Proper use of grounds and bypass capacitors is essential to achieve a high level of performance. Crosstalk between pins can be reduced by careful board
layout.
This is an electrostatic sensitive device. It should be handled only at static free work stations.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com