Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC52 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC52
Description  Dual Channel Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52 Datasheet(HTML) 3 Page - Microchip Technology

  TC52 Datasheet HTML 1Page - Microchip Technology TC52 Datasheet HTML 2Page - Microchip Technology TC52 Datasheet HTML 3Page - Microchip Technology TC52 Datasheet HTML 4Page - Microchip Technology TC52 Datasheet HTML 5Page - Microchip Technology TC52 Datasheet HTML 6Page - Microchip Technology TC52 Datasheet HTML 7Page - Microchip Technology TC52 Datasheet HTML 8Page - Microchip Technology TC52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 2002 Microchip Technology Inc.
DS21430B-page 3
TC52
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
In normal steady-state operation and for either
channel, when VIN > VDET -, the output is high, see
Figure 3-1. (In the case of the TC52N, this is an open-
drain condition.) If and when the input falls below
VDET -, the output pulls down (Logic 0) to VSS.
Generally, VOUT can pull down to within 0.5V of VSS at
rated output current and input voltages. (Also see
Section 1.0, Electrical Characteristics).
The output, VOUT, stays valid until the input voltage falls
below the minimum operating voltage, VINMIN, of 0.7V.
Below this minimum operating voltage, the output is
undefined. During power-up or anytime VIN has fallen
below VINMIN, VOUT will remain undefined until VIN rises
above VINMIN, at which time the output becomes valid.
VOUT is maintained in its active low state while VINMIN <
VIN < VDET+. (VDET+ = VDET - + VHYST). If and when
the input rises above VDET+, the output will assume its
inactive state (open-drain for TC52N).
FIGURE 3-1:
TIMING DIAGRAM
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1
VOUT1
Detector #1 output.
2
VIN
Supply voltage input, detect voltage 1.
3
GND
Ground terminal.
4
VIN2
Detect voltage 2.
5
VOUT2
Detector #2 output.
VINx
Detect Voltage VDET
Minimum Operating
Voltage
VHYST
VDET+
Output Voltage
Release Voltage
or RESET Voltage
Ground Level
Ground Level
VOUTx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com