Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC52 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC52
Description  Dual Channel Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52 Datasheet(HTML) 2 Page - Microchip Technology

  TC52 Datasheet HTML 1Page - Microchip Technology TC52 Datasheet HTML 2Page - Microchip Technology TC52 Datasheet HTML 3Page - Microchip Technology TC52 Datasheet HTML 4Page - Microchip Technology TC52 Datasheet HTML 5Page - Microchip Technology TC52 Datasheet HTML 6Page - Microchip Technology TC52 Datasheet HTML 7Page - Microchip Technology TC52 Datasheet HTML 8Page - Microchip Technology TC52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC52
DS21430B-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage ........................................................+12V
Output Current ....................................................50mA
Output Voltage.......................VIN + 0.3V to VSS – 0.3V
Power Dissipation
5-Pin SOT-23A ...........................................100mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range ..............-40°C to +125°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC52 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = 25°C, unless otherwise specified. Note 1.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Operating Voltage
1.5
—
10.0
V
VDF (T) = 1.5 to 5.0V
ISS
Supply Current
—
—
—
—
—
1.35
1.50
1.95
2.40
3.00
3.90
4.50
5.10
5.70
6.30
µA
VIN1 = 1.5V
VIN1 = 2.0V
VIN1 = 3.0V
VIN1 = 4.0V
VIN1 = 5.0V
IIN2
Input Current VIN2
—
—
—
—
—
0.45
0.50
0.65
0.80
1.00
1.30
1.50
1.70
1.90
2.10
µA
VIN1 = 1.5V
VIN1 = 2.0V
VIN1 = 3.0V
VIN1 = 4.0V
VIN1 = 5.0V
VDET1 -
Channel 1 Detect Voltage
VT1 x 0.98
VT1 ±0.5%
VT1 x 1.02
V
Note 2
VDET2 -
Channel 2 Detect Voltage
VT2 x 0.98
VT2 ±0.5%
VT2 x 1.02
V
Note 2
VHYS1
Hysteresis Range 1
VDET1 - x 0.02 VDET1 - x 0.05 VDET1 - x 0.08
V
VHYS2
Hysteresis Range 2
VDET2 - x 0.02 VDET2 - x 0.05 VDET2 - x 0.08
V
IOUT
Output Current
0.3
3.0
5.0
6.0
7.0
2.2
7.7
10.1
11.5
13.0
—
—
—
—
—
mA
VOL = 0.5V, VIN1 = 1.0V
VIN1 = 2.0V
VIN1 = 3.0V
VIN1 = 4.0V
VIN1 = 5.0V
∆VDET -/
(
∆TOPR VDET -)
Temperature Characteristics
—
±100
—
ppm/°C -40°C
≤ TOPR ≤ 85°C
tDLY
Detection Time
—
—
0.2
msec
Time from VIN = VDET - to
VOUT = VOL
Note
1:
Additional resistance between the VIN1 pin and the supply voltage may alter the electrical characteristics.
2:
VT1, VT2 are the factory-programmed voltage detection thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com