Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC52 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC52
Description  Dual Channel Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52 Datasheet(HTML) 1 Page - Microchip Technology

  TC52 Datasheet HTML 1Page - Microchip Technology TC52 Datasheet HTML 2Page - Microchip Technology TC52 Datasheet HTML 3Page - Microchip Technology TC52 Datasheet HTML 4Page - Microchip Technology TC52 Datasheet HTML 5Page - Microchip Technology TC52 Datasheet HTML 6Page - Microchip Technology TC52 Datasheet HTML 7Page - Microchip Technology TC52 Datasheet HTML 8Page - Microchip Technology TC52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2002 Microchip Technology Inc.
DS21430B-page 1
M
TC52
Features
• Two Independent Voltage Detectors in One
Package
• Highly Accurate: ±2%
• Low Power Consumption: 2.0
µA, Typ.
• Detect Voltage Range: 1.5V to 5.0V
• Operating Voltage: 1.5V to 10.0V
• Output Configuration: N-Channel Open-Drain
• Space-Saving 5-Pin SOT-23A Package
Typical Applications
• Battery Life Monitors and Recharge Voltage
Monitors
• Memory Battery Backup Circuitry
• Power-On Reset Circuits
• Power Failure Detection
• Delay Circuitry
Device Selection Table
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC52 consists of two independent low power
voltage detectors in a space-saving 5-pin SOT-23A
package. Typical supply current consumption is only
2
µA at an input voltage of 2V. The voltage detection
threshold
settings
are
factory-programmed
and
guaranteed to ±2% accuracy. Threshold settings over a
range of 1.5V to 5.0V are available. The TC52 is
available with open drain (NMOS) configurations.
Small size, high precision, low supply current, and low
installed cost makes the TC52 the ideal voltage
detector for a wide variety of voltage monitoring
applications.
Functional Block Diagram
Part Number
Package
Temp. Range
TC52-xxxxxxxxxx
5-Pin SOT-23A -40°C to +85°C
5
VOUT2
VOUT1
GND
5-Pin SOT-23A
TC52
1
3
4
VIN2
2
VIN1
VREF
+
+
VIN1
VOUT1
VOUT2
GND
VIN2
Dual Channel Voltage Detector


Similar Part No. - TC52

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC52 CDE-TC52 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
SELEC Controls Pvt. Ltd
TC52 SELEC-TC52 Datasheet
433Kb / 1P
Analog Temperature Controller
TC52-400-J-230 SELEC-TC52-400-J-230 Datasheet
433Kb / 1P
Analog Temperature Controller
TC52-400-K-230 SELEC-TC52-400-K-230 Datasheet
433Kb / 1P
Analog Temperature Controller
logo
Microchip Technology
TC520 MICROCHIP-TC520 Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
More results

Similar Description - TC52

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
Dual Channel Detector
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
CMOS Dual voltage detector
logo
Diodes Incorporated
ZLNB2015 DIODES-ZLNB2015 Datasheet
88Kb / 7P
ADVANCED DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32061 Rev. 1 - 2
ZLNB2016 DIODES-ZLNB2016 Datasheet
88Kb / 7P
STANDARD DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32073 Rev. 1 - 2
logo
ELM Technology Corporat...
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
Microchip Technology
TC52 MICROCHIP-TC52_13 Datasheet
182Kb / 12P
Dual Channel Voltage Detector
11/27/12 2001-2012
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
Microchip Technology
TC52 MICROCHIP-TC52_15 Datasheet
219Kb / 12P
Dual-Channel Voltage Detector
01/27/15
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com