Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2956 Datasheet HTML 1Page - National Semiconductor (TI) LP2956 Datasheet HTML 2Page - National Semiconductor (TI) LP2956 Datasheet HTML 3Page - National Semiconductor (TI) LP2956 Datasheet HTML 4Page - National Semiconductor (TI) LP2956 Datasheet HTML 5Page - National Semiconductor (TI) LP2956 Datasheet HTML 6Page - National Semiconductor (TI) LP2956 Datasheet HTML 7Page - National Semiconductor (TI) LP2956 Datasheet HTML 8Page - National Semiconductor (TI) LP2956 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction
Temperature Range
−40˚C to +125˚C
Lead Temperature
(Soldering, 5 seconds)
260˚C
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage
−20V to +30V
Feedback Input Voltage (Note 3)
−0.3V to +5V
Aux. Feedback Input Voltage (Note 3)
−0.3V to +5V
Shutdown Input Voltage (Note 3)
−0.3V to +30V
Comparator Input Voltage (Notes 3,
4)
−0.3V to +30V
Comparator Output Voltage (Notes 3,
4)
−0.3V to +30V
ESD Rating (Note 16)
2 kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Lim-
its are guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
Unless otherwise specified: V
IN = 6V, CL = 2.2 µF (Main Output) and 10 µF (Auxiliary Output), Feedback pin is tied to 5V Tap
pin, C
IN = 1 µF, VSD = 0V, Main Output pin is tied to Output Sense pin, Auxiliary Output is programmed for 5V. The main
regulator output hasa1mA load, the auxiliary regulator output has a 100 µA load.
Symbol
Parameter
Conditions
Typical
LP2956AI
LP2956I
Units
Min
Max
Min
Max
MAIN OUTPUT
V
O
Output Voltage
5.0
4.975
5.025
4.950
5.050
4.940
5.060
4.900
5.100
V
1mA
≤ I
L ≤ 250 mA
5.0
4.930
5.070
4.880
5.120
Temperature Coefficient
(Note 5)
20
100
150
ppm/˚C
Line Regulation
V
IN = 6V to 30V
0.03
0.1
0.2
%
0.2
0.4
Load Regulation
I
L = 1 mA to 250 mA
0.04
0.16
0.20
%
I
L = 0.1 mA to 1 mA (Note 6)
0.20
0.30
V
IN–VO
Dropout Voltage
I
L = 1 mA
60
100
100
(Note 7)
150
150
I
L = 50 mA
240
300
300
420
420
mV
I
L = 100 mA
310
400
400
520
520
I
L = 250 mA
470
600
600
800
800
I
LIMIT
Current Limit
R
L = 1Ω
380
500
500
mA
530
530
Thermal Regulation
(Note 8)
0.05
0.2
0.2
%/W
e
n
Output Noise Voltage
C
L = 2.2 µF
400
(10 Hz to 100 KHz)
C
L = 33 µF
260
µV RMS
I
L = 100 mA
C
L = 33 µF (Note 9)
80
V
FB
Feedback Pin Voltage
1.23
1.215
1.245
1.205
1.255
V
I
FB
Feedback Pin Bias
20
40
40
nA
Current
60
60
I
O
Output Leakage
I
(SD IN) ≥ 1 µA
3
10
10
µA
(OFF)
In Shutdown
V
IN = 30V, VOUT = 0V
20
20
AUXILIARY OUTPUT
V
FB
Feedback Pin Voltage
1.23
1.22
1.25
1.21
1.26
V
1.21
1.26
1.20
1.27
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com