Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2956 Datasheet HTML 2Page - National Semiconductor (TI) LP2956 Datasheet HTML 3Page - National Semiconductor (TI) LP2956 Datasheet HTML 4Page - National Semiconductor (TI) LP2956 Datasheet HTML 5Page - National Semiconductor (TI) LP2956 Datasheet HTML 6Page - National Semiconductor (TI) LP2956 Datasheet HTML 7Page - National Semiconductor (TI) LP2956 Datasheet HTML 8Page - National Semiconductor (TI) LP2956 Datasheet HTML 9Page - National Semiconductor (TI) LP2956 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics (Continued)
Note 12: The shutdown input equivalent circuit is the base of a grounded-emitter NPN transistor in series with a current-limiting resistor. Pulling the shutdown input
high turns off the main regulator. For more details, see Application Hints.
Note 13: The auxiliary regulator output has foldback limiting, which means the output current reduces with output voltage. The tested limit is for VOUT = 0V, so the
output current will be higher at higher output voltages.
Note 14: This test is performed with the auxiliary comparator output sinking 400 µA of current. At the upper trip point, the comparator output must be
≥2.4V. At the
low trip point, the comparator output must be
≤ 0.4V.
Note 15: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current, output load current, and
current through the external resistive dividers (if used).
Note 16: All pins are rated for 2 kV, except for the auxiliary feedback pin which is rated for 1.2 kV (human body model, 100 pF discharged through 1.5 k
Ω).
Typical Performance Characteristics Unless otherwise specified: V
IN =6V, CL = 2.2 µF (Main Out-
put) and 10 µF (Auxiliary Output), Feedback is tied to 5V Tap pin, C
IN =1µF, VSD = 0V, Main Output pin is tied to Output
Sense pin, Auxiliary Output is programmed for 5V. The main regulator output hasa1mA load, the auxiliary output has a
100 µA load.
Ground Pin Current
DS011339-18
Ground Pin Current
DS011339-19
Ground Pin Current
DS011339-20
Ground Pin Current
DS011339-21
Ground Pin Current
DS011339-22
Ground Pin Current
DS011339-23
Ground Pin Current
vs Main Load
DS011339-24
Dropout Characteristics
(Main Regulator)
DS011339-25
Dropout Voltage vs
Temperature (Main Regulator)
DS011339-26
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com