Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2956 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2956
Description  Dual Micropower Low-Dropout Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2956 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2956 Datasheet HTML 3Page - National Semiconductor (TI) LP2956 Datasheet HTML 4Page - National Semiconductor (TI) LP2956 Datasheet HTML 5Page - National Semiconductor (TI) LP2956 Datasheet HTML 6Page - National Semiconductor (TI) LP2956 Datasheet HTML 7Page - National Semiconductor (TI) LP2956 Datasheet HTML 8Page - National Semiconductor (TI) LP2956 Datasheet HTML 9Page - National Semiconductor (TI) LP2956 Datasheet HTML 10Page - National Semiconductor (TI) LP2956 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 6V, CL = 2.2 µF (Main
Output) and 10 µF (Auxiliary Output), Feedback is tied to 5V Tap pin, C
IN = 1 µF, VSD = 0V, Main Output pin is tied to Output
Sense pin, Auxiliary Output is programmed for 5V. The main regulator output hasa1mA load, the auxiliary output has a
100 µA load. (Continued)
Current Limit vs Regulator
(Main Regulator)
DS011339-27
Enable Transient
(Main Regulator)
DS011339-28
Enable Transient
(Main Regulator)
DS011339-29
Load Transient Response
(Main Regulator)
DS011339-30
Load Transient Response
(Main Regulator)
DS011339-31
Line Transient Response
(Main Regulator)
DS011339-32
Line Transient Response
(Main Regulator)
DS011339-33
Ripple Rejection
(Main Regulator)
DS011339-34
Ripple Rejection
(Main Regulator)
DS011339-35
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com