Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY37032P44-125JC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 9Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 10Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 11Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 12Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 13Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 14Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 15Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *B
Page 13 of 63
Logic Block Diagrams (continued)
CY37512/CY37512V (352-Lead BGA)
LOGIC
BLOCK
AG
LOGIC
BLOCK
AH
LOGIC
BLOCK
BI
LOGIC
BLOCK
BJ
LOGIC
BLOCK
BL
LOGIC
BLOCK
BP
LOGIC
BLOCK
BM
LOGIC
BLOCK
BN
LOGIC
BLOCK
BO
LOGIC
BLOCK
AA
LOGIC
BLOCK
AB
LOGIC
BLOCK
AC
LOGIC
BLOCK
AD
LOGIC
BLOCK
AE
LOGIC
BLOCK
BK
LOGIC
BLOCK
AF
36
16
36
16
36
16
36
16
36
16
36
16
36
16
36
36
36
16
36
16
36
16
36
16
36
16
36
16
36
16
Input
Clock/ Input
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
12 I/Os
I/O0−I/O11
I/O12−I/O23
I/O24−I/O35
I/O36−I/O47
I/O48−I/O59
I/O60−I/O71
I/O72−I/O83
I/O84−I/O95
I/O252−I/O263
I/O240−I/O251
I/O228−I/O239
I/O216−I/O227
I/O204−I/O215
4
4
4
TDI
TCK
TMS
TDO
JTAG Tap
Controller
1
PIM
16
36
36
16
LOGIC
BLOCK
AI
LOGIC
BLOCK
BH
12 I/Os
I/O96−I/O107
16
36
36
16
LOGIC
BLOCK
AJ
LOGIC
BLOCK
BG
12 I/Os
12 I/Os
I/O108−I/O119
I/O192−I/O203
16
36
36
16
LOGIC
BLOCK
AK
LOGIC
BLOCK
BF
12 I/Os
I/O120−I/O131
16
36
36
16
LOGIC
BLOCK
AL
LOGIC
BLOCK
BE
12 I/Os
I/O180−I/O191
16
36
36
16
LOGIC
BLOCK
AM
LOGIC
BLOCK
BD
12 I/Os
I/O168−I/O179
16
36
36
16
LOGIC
BLOCK
AN
LOGIC
BLOCK
BC
12 I/Os
I/O156−I/O167
16
36
36
16
LOGIC
BLOCK
AO
LOGIC
BLOCK
BB
12 I/Os
I/O144−I/O155
16
36
36
16
LOGIC
BLOCK
AP
LOGIC
BLOCK
BA
12 I/Os
I/O132−I/O143
16
132
132
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com