Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY37032P44-125JC Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 29Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 30Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 31Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 32Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 33Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 34Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 35Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 36Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *B
Page 33 of 63
Note:
21. This pin is a N/C, but Cypress recommends that you connect it to VCC to ensure future compatibility.
Pin Configurations[20] (continued)
48-ball Fine-Pitch BGA (BA50)
Top View
123
456
78
AI/O5
TCK
VCC
I/O3
I/O1
I/O31
I/O30
VCC
I/O27
TDI
BVCC
I/O4
I/O2
I/O0
I/O29
I/O28
I/O26
CLK1/ I4
CCLK2/ I0
I/O7
I/O6
GND
GND
I/O25
I/O24
I3
DJTAGEN
I/O8
I/O9
GND
GND
I/O22
I/O23
CLK3/ I2
ECLK0/ I1
I/O12
I/O11
I/O10
I/O16
I/O20
I/O21
VCC
FI/O13
TMS
VCC
I/O14
I/O15
I/O17
I/O18
VCC
I/O19
TDO
I/O 14
I/O
15
I/O 48
Top View
84-lead PLCC (J83) / CLCC (Y84)
98
6
7
5
13
14
12
11
49
48
58
59
60
23
24
26
25
27
15
16
47
46
43
28
33
20
21
19
18
17
22
34
37
36
38
42
41
43
40
66
65
63
64
62
61
67
68
69
74
72
73
71
70
84
81
82
80
79
GND
I/O 55
I/O 54 /TDI
I/O 53
I/O 52
I/O 51
GND
I/O 49
CLK3/I 4
VCCO
CLK2/I 3
I/O 45
I/O
44
I/O 8
I/O
9
I/O10 /TCK
I/O 11
I/O 12
I/O 13
CLK0/I 0
VCCO
CLK1/I 1
I/O16
I/O
17
I/O18
I/O19
I/O20
53
52
51
50
30
29
31
32
54
55
56
57
I/O 43
I/O 42
I/O 41
I/O
40
77
78
76
75
I/O
21
I/O22
I/O
23
GND
I/O 50
I/O 47
I/O
46
GND
10
35
39
44 45
83
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com