Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY37032P44-125JC Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 12Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 13Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 14Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 15Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 19Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *B
Page 16 of 63
IBHH
Input Bus-Hold HIGH Sustaining
Current
VCC = Min., VIH = 2.0V
–75
µA
IBHLO
Input Bus-Hold LOW Overdrive
Current
VCC = Max.
+500
µA
IBHHO
Input Bus-Hold HIGH Overdrive
Current
VCC = Max.
–500
µA
Inductance[5]
Parameter
Description
Test
Conditions
44-
Lead
TQFP
44-
Lead
PLCC
44-
Lead
CLCC
84-
Lead
PLCC
84-
Lead
CLCC
100-
Lead
TQFP
160-
Lead
TQFP
208-
Lead
PQFP
Unit
L
Maximum Pin
Inductance
VIN = 3.3V
at f = 1 MHz
2
5
2
8
5
8
9
11
nH
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CI/O
Input/Output Capacitance
VIN = 3.3V at f = 1 MHz at TA = 25°C
8
pF
CCLK
Clock Signal Capacitance
VIN = 3.3V at f = 1 MHz at TA = 25°C
12
pF
CDP
Dual Functional Pins[9]
VIN = 3.3V at f = 1 MHz at TA = 25°C
16
pF
Endurance Characteristics[5]
Parameter
Description
Test Conditions
Min.
Typ.
Unit
N
Minimum Reprogramming Cycles
Normal Programming Conditions[2]
1,000
10,000
Cycles
3.3V Device Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
Min.
Max.
Unit
AC Characteristics
5.0V AC Test Loads and Waveforms
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
35 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
<2 ns
OUTPUT
238
Ω (COM’L)
319
Ω (MIL)
170
Ω (COM’L)
236
Ω (MIL)
99
Ω (COM’L)
136
Ω (MIL)
Equivalent to:
THÉVENIN EQUIVALENT
2.08V (COM'L)
2.13V (MIL)
238
Ω (COM'L)
319
Ω (MIL)
170
Ω (COM'L)
236
Ω (MIL)
<2 ns
(c)
5 OR 35 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com