Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980
Description  Micropower 50 mA Ultra Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2980 Datasheet HTML 1Page - National Semiconductor (TI) LP2980 Datasheet HTML 2Page - National Semiconductor (TI) LP2980 Datasheet HTML 3Page - National Semiconductor (TI) LP2980 Datasheet HTML 4Page - National Semiconductor (TI) LP2980 Datasheet HTML 5Page - National Semiconductor (TI) LP2980 Datasheet HTML 6Page - National Semiconductor (TI) LP2980 Datasheet HTML 7Page - National Semiconductor (TI) LP2980 Datasheet HTML 8Page - National Semiconductor (TI) LP2980 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Ordering Information (Continued)
TABLE 1. Package Marking and Order Information (Continued)
Output Voltage
(V)
Grade
Order Information
Package
Marking
Supplied as:
For output voltages
≤ 2V, refer to LP2980LV datasheet. If a non-standard voltage is required, see LP2980-ADJ.
3.8
A
LP2980AIM5X-3.8
L21A
3000 Units on Tape and Reel
3.8
A
LP2980AIM5-3.8
L21A
1000 Units on Tape and Reel
3.8
STD
LP2980IM5X-3.8
L21B
3000 Units on Tape and Reel
3.8
STD
LP2980IM5-3.8
L21B
1000 Units on Tape and Reel
4.0
A
LP2980AIM5X-4.0
L25A
3000 Units on Tape and Reel
4.0
A
LP2980AIM5-4.0
L25A
1000 Units on Tape and Reel
4.0
STD
LP2980IM5X-4.0
L25B
3000 Units on Tape and Reel
4.0
STD
LP2980IM5-4.0
L25B
1000 Units on Tape and Reel
4.5
A
LP2980AIM5X-4.5
L0XA
3000 Units on Tape and Reel
4.5
A
LP2980AIM5-4.5
L0XA
1000 Units on Tape and Reel
4.5
STD
LP2980IM5X-4.5
L0XB
3000 Units on Tape and Reel
4.5
STD
LP2980IM5-4.5
L0XB
1000 Units on Tape and Reel
4.7
A
LP2980AIM5X-4.7
L37A
3000 Units on Tape and Reel
4.7
A
LP2980AIM5-4.7
L37A
1000 Units on Tape and Reel
4.7
STD
LP2980IM5X-4.7
L37B
3000 Units on Tape and Reel
4.7
STD
LP2980IM5-4.7
L37B
1000 Units on Tape and Reel
5.0
A
LP2980AIM5X-5.0
L01A
3000 Units on Tape and Reel
5.0
A
LP2980AIM5-5.0
L01A
1000 Units on Tape and Reel
5.0
STD
LP2980IM5X-5.0
L01B
3000 Units on Tape and Reel
5.0
STD
LP2980IM5-5.0
L01B
1000 Units on Tape and Reel
micro SMD, 5 Bump Package (BPA05)
3.3
A
LP2980AIBP-3.3
250 Units on Tape and Reel
3.3
A
LP2980AIBPX-3.3
3000 Units on Tape and Reel
3.3
STD
LP2980IBP-3.3
250 Units on Tape and Reel
3.3
STD
LP2980IBPX-3.3
3000 Units on Tape and Reel
5.0
A
LP2980AIBP-5.0
250 Units on Tape and Reel
5.0
A
LP2980AIBPX-5.0
3000 Units on Tape and Reel
5.0
STD
LP2980IBP-5.0
250 Units on Tape and Reel
5.0
STD
LP2980IBPX-5.0
3000 Units on Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com