Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980
Description  Micropower 50 mA Ultra Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP2980 Datasheet HTML 10Page - National Semiconductor (TI) LP2980 Datasheet HTML 11Page - National Semiconductor (TI) LP2980 Datasheet HTML 12Page - National Semiconductor (TI) LP2980 Datasheet HTML 13Page - National Semiconductor (TI) LP2980 Datasheet HTML 14Page - National Semiconductor (TI) LP2980 Datasheet HTML 15Page - National Semiconductor (TI) LP2980 Datasheet HTML 16Page - National Semiconductor (TI) LP2980 Datasheet HTML 17Page - National Semiconductor (TI) LP2980 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Typical Applications (Continued)
brought low, the converter will be in shutdown, and will draw
less than 1 µA from the source.
Notes:
A. Drive this input with a logic signal (see Application Hints).
If the shutdown function is not to be used, tie the ON/OFF
pin directly to the V
IN pin.
B. Capacitor is required for regulator stability. Minimum size
is shown, and may be increased without limit.
C. Increasing the output capacitance improves transient re-
sponse and increases phase margin.
D. A heatsink may be required for this transistor. The maxi-
mum allowable value for thermal resistance of the heatsink
is dependent on ambient temperature and load current (see
curves in ). Once the value is obtained from the graph, a
heatsink must be selected which has a thermal resistance
equal to or lower than this value. If the value is above
60˚C/W, no heatsink is required (the TO-220 package alone
will safely dissipate this).
For these curves, a maximum junction temperature of 150˚C
is assumed for the pass transistor. The case-to-heatsink at-
tachment thermal resistance is assumed to be 1.5˚C/W. All
calculations are for 5.5V input voltage (which is worst-case
for power dissipation).
DS012078-54
FIGURE 8. Heatsink Thermal Resistance Requirements
for
Figure 7
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com