Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980
Description  Micropower 50 mA Ultra Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP2980 Datasheet HTML 10Page - National Semiconductor (TI) LP2980 Datasheet HTML 11Page - National Semiconductor (TI) LP2980 Datasheet HTML 12Page - National Semiconductor (TI) LP2980 Datasheet HTML 13Page - National Semiconductor (TI) LP2980 Datasheet HTML 14Page - National Semiconductor (TI) LP2980 Datasheet HTML 15Page - National Semiconductor (TI) LP2980 Datasheet HTML 16Page - National Semiconductor (TI) LP2980 Datasheet HTML 17Page - National Semiconductor (TI) LP2980 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Typical Applications
The LP2980 can be used to control higher-current regula-
tors, by adding an external PNP pass device. With the PNP
transistors shown in , the output current can be as high as
400 mA, as long as the input voltage is held within the Safe
Operation Boundary Curves shown below in.
To ensure regulation, the minimum input voltage of this regu-
lator is 6V. This “headroom” is the sum of the V
BE of the ex-
ternal transistor and the dropout voltage of the LP2980.
Notes:
A. Drive this input with a logic signal (see Application Hints).
If the shutdown function is not to be used, tie the ON/OFF
pin directly to the V
IN pin.
B. Recommended devices (other PNP transistors can be
used if the current gain and voltage ratings are similar).
C. Capacitor is required for regulator stability. Minimum size
is shown, and may be increased without limit.
D. Increasing the output capacitance improves transient re-
sponse and increases phase margin.
E. Maximum safe input voltage and load current are limited
by power dissipation in the PNP pass transistor and the
maximum ambient temperature for the specific application. If
a TO-92 transistor such as the MPS2907A is used, the ther-
mal resistance from junction-to-ambient is 180˚C/W in still
air.
Assuming a maximum allowable junction temperature of
150˚C for the MPS2907A device, the following curves show
the maximum V
IN and IL values that may be safely used for
several ambient temperatures.
With limited input voltage range, the LP2980 can control a
3.3V, 3A regulator with the use of a high current-gain exter-
nal PNP pass transistorias shown in . If the regulator is to be
loaded with the full 3A, heat sinking will be required on the
pass transistor to keep it within its rated temperature range.
Refer to the Heatsink Thermal Resistance Requirements,
below. For best load regulation at the high load current, the
LP2980 output voltage connection should be made as close
to the load as possible.
Although this regulator can handle a much higher load cur-
rent than can the LP2980 alone, it can be shut down in the
same manner as the LP2980. When the ON/OFF control is
DS012078-51
FIGURE 5. 5V/400mA Regulator
DS012078-52
FIGURE 6. Safe Operation Boundary Curves for
Figure
5
DS012078-53
FIGURE 7. 5V to 3.3V @ 3A Converter
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com