Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2981 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2981
Description  Micropower 100 mA Ultra Low-Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2981 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2981 Datasheet HTML 7Page - National Semiconductor (TI) LP2981 Datasheet HTML 8Page - National Semiconductor (TI) LP2981 Datasheet HTML 9Page - National Semiconductor (TI) LP2981 Datasheet HTML 10Page - National Semiconductor (TI) LP2981 Datasheet HTML 11Page - National Semiconductor (TI) LP2981 Datasheet HTML 12Page - National Semiconductor (TI) LP2981 Datasheet HTML 13Page - National Semiconductor (TI) LP2981 Datasheet HTML 14Page - National Semiconductor (TI) LP2981 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, VIN =VO(NOM) + 1V,
COUT = 4.7 µF, CIN = 1 µF all voltage options, ON/OFF pin tied to VIN. (Continued)
Application Hints
EXTERNAL CAPACITORS
Like any low-dropout regulator, the external capacitors used
with the LP2981 must be carefully selected to assure regula-
tor loop stability.
INPUT CAPACITOR: An input capacitor whose value is
≥ 1 µF is required with the LP2981 (amount of capacitance
can be increased without limit).
This capacitor must be located a distance of not more than
0.5" from the input pin of the LP2981 and returned to a clean
analog ground. Any good quality ceramic or tantalum can be
used for this capacitor.
OUTPUT CAPACITOR: The output capacitor must meet
both the requirement for minimum amount of capacitance
and E.S.R. (equivalent series resistance) value. Curves are
provided which show the allowable ESR range as a function
of load current for various output voltages and capacitor val-
ues (refer to
Figures 1, 2, 3, 4).
IMPORTANT: The output capacitor must maintain its ESR in
the stable region over the full operating temperature range to
assure stability. Also, capacitor tolerance and variation with
temperature must be considered to assure the minimum
amount of capacitance is provided at all times.
This capacitor should be located not more than 0.5" from the
output pin of the LP2981 and returned to a clean analog
ground.
CAPACITOR CHARACTERISTICS
TANTALUM: Tantalum capacitors are the best choice for
use with the LP2981. Most good quality tantalums can be
used with the LP2981, but check the manufacturer’s data
sheet to be sure the ESR is in range.
It is important to remember that ESR increases at lower tem-
peratures and a capacitor that is near the upper limit for sta-
bility at room temperature can cause instability when it gets
cold.
In applications which must operate at very low temperatures,
it may be necessary to parallel the output tantalum capacitor
with a ceramic capacitor to prevent the ESR from going up
too high (see next section for important information on ce-
ramic capacitors).
CERAMIC: Ceramic capacitors are not recommended for
use at the output of the LP2981. This is because the ESR of
a ceramic can be low enough to go below the minimum
stable value for the LP2981. A 2.2 µF ceramic was measured
and found to have an ESR of about 15 m
Ω, which is low
enough to cause oscillations.
If a ceramic capacitor is used on the output, a 1
Ω resistor
should be placed in series with the capacitor.
ALUMINUM: Because of large physical size, aluminum elec-
trolytics are not typically used with the LP2981. They must
meet the same ESR requirements over the operating tem-
perature range, more difficult because of their steep increase
at cold temperature.
An aluminum electrolytic can exhibit an ESR increase of as
much as 50X when going from 20˚C to −40˚C. Also, some
aluminum electrolytics are not operational below −25˚C be-
cause the electrolyte can freeze.
ON/OFF Pin Current vs
V
ON/OFF
DS012506-36
ON/OFF Threshold
vs Temperature
DS012506-37
DS012506-38
FIGURE 1. 5V/3.3 µF ESR Curves
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com