Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2981 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2981
Description  Micropower 100 mA Ultra Low-Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2981 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP2981 Datasheet HTML 8Page - National Semiconductor (TI) LP2981 Datasheet HTML 9Page - National Semiconductor (TI) LP2981 Datasheet HTML 10Page - National Semiconductor (TI) LP2981 Datasheet HTML 11Page - National Semiconductor (TI) LP2981 Datasheet HTML 12Page - National Semiconductor (TI) LP2981 Datasheet HTML 13Page - National Semiconductor (TI) LP2981 Datasheet HTML 14Page - National Semiconductor (TI) LP2981 Datasheet HTML 15Page - National Semiconductor (TI) LP2981 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Hints (Continued)
REVERSE CURRENT PATH
The power transistor used in the LP2981 has an inherent di-
ode connected between the regulator input and output (see
below).
If the output is forced above the input by more than a V
BE,
this diode will become forward biased and current will flow
from the V
OUT terminal to VIN.
This current must be limited to < 100 mA to prevent damage
to the part.
The internal diode can also be turned on by abruptly step-
ping the input voltage to a value below the output voltage.
To prevent regulator mis-operation, a Schottky diode should
be used in any application where input/output voltage condi-
tions can cause the internal diode to be turned on (see be-
low).
As shown, the Schottky diode is connected in parallel with
the internal parasitic diode and prevents it from being turned
on by limiting the voltage drop across it to about 0.3V.
ON/OFF INPUT OPERATION
The LP2981 is shut off by pulling the ON/OFF input low, and
turned on by driving the input high. If this feature is not to be
used, the ON/OFF input should be tied to V
IN to keep the
regulator on at all times (the ON/OFF input must not be left
floating).
To ensure proper operation, the signal source used to drive
the ON/OFF input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds which guar-
antee an ON or OFF state (see Electrical Characteristics).
The ON/OFF signal may come from either a totem-pole out-
put, or an open-collector output with pull-up resistor to the
LP2981 input voltage or another logic supply. The high-level
voltage may exceed the LP2981 input voltage, but must re-
main within the Absolute Maximum Ratings for the ON/OFF
pin.
It is also important that the turn-on/turn-off voltage signals
applied to the ON/OFF input have a slew rate which is
greater than 40 mV/µs.
Important: the regulator shutdown function will operate incor-
rectly if a slow-moving signal is applied to the ON/OFF input.
Micro SMD Mounting
The micro SMD package requires specific mounting tech-
niques which are detailed in National Semiconductor Appli-
cation Note # 1112. Referring to the section
Surface Mount
Technology (SMT) Assembly Considerations, it should be
noted that the pad style which must be used with the 5-pin
package is the NSMD (non-solder mask defined) type.
DS012506-39
FIGURE 2. 5V/10 µF ESR Curves
DS012506-40
FIGURE 3. 3V/3.3 µF ESR Curves
DS012506-42
FIGURE 4. 3V/10 µF ESR Curves
DS012506-41
DS012506-43
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com