Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2985
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2985 Datasheet HTML 1Page - National Semiconductor (TI) LP2985 Datasheet HTML 2Page - National Semiconductor (TI) LP2985 Datasheet HTML 3Page - National Semiconductor (TI) LP2985 Datasheet HTML 4Page - National Semiconductor (TI) LP2985 Datasheet HTML 5Page - National Semiconductor (TI) LP2985 Datasheet HTML 6Page - National Semiconductor (TI) LP2985 Datasheet HTML 7Page - National Semiconductor (TI) LP2985 Datasheet HTML 8Page - National Semiconductor (TI) LP2985 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage (V)
Grade
Order Information
Package
Marking
Supplied as:
5-Lead Small Outline Package (M5)
For output voltages
≤ 2.3V, refer to LP2985LV datasheet.
2.5
A
LP2985AIM5X-2.5
LAUA
3000 Units on Tape and Reel
2.5
A
LP2985AIM5-2.5
LAUA
1000 Units on Tape and Reel
2.5
STD
LP2985IM5X-2.5
LAUB
3000 Units on Tape and Reel
2.5
STD
LP2985IM5-2.5
LAUB
1000 Units on Tape and Reel
2.6
A
LP2985AIM5X-2.6
LCEA
3000 Units on Tape and Reel
2.6
A
LP2985AIM5-2.6
LCEA
1000 Units on Tape and Reel
2.6
STD
LP2985IM5X-2.6
LCEB
3000 Units on Tape and Reel
2.6
STD
LP2985IM5-2.6
LCEB
1000 Units on Tape and Reel
2.7
A
LP2985AIM5X-2.7
LALA
3000 Units on Tape and Reel
2.7
A
LP2985AIM5-2.7
LALA
1000 Units on Tape and Reel
2.7
STD
LP2985IM5X-2.7
LALB
3000 Units on Tape and Reel
2.7
STD
LP2985IM5-2.7
LALB
1000 Units on Tape and Reel
2.8
A
LP2985AIM5X-2.8
L0KA
3000 Units on Tape and Reel
2.8
A
LP2985AIM5-2.8
L0KA
1000 Units on Tape and Reel
2.8
STD
LP2985IM5X-2.8
L0KB
3000 Units on Tape and Reel
2.8
STD
LP2985IM5-2.8
L0KB
1000 Units on Tape and Reel
2.9
A
LP2985AIM5X-2.9
LAXA
3000 Units on Tape and Reel
2.9
A
LP2985AIM5-2.9
LAXA
1000 Units on Tape and Reel
2.9
STD
LP2985IM5X-2.9
LAXB
3000 Units on Tape and Reel
2.9
STD
LP2985IM5-2.9
LAXB
1000 Units on Tape and Reel
3.0
A
LP2985AIM5X-3.0
L0OA
3000 Units on Tape and Reel
3.0
A
LP2985AIM5-3.0
L0OA
1000 Units on Tape and Reel
3.0
STD
LP2985IM5X-3.0
L0OB
3000 Units on Tape and Reel
3.0
STD
LP2985IM5-3.0
L0OB
1000 Units on Tape and Reel
3.1
A
LP2985AIM5X-3.1
L0PA
3000 Units on Tape and Reel
3.1
A
LP2985AIM5-3.1
L0PA
1000 Units on Tape and Reel
3.1
STD
LP2985IM5X-3.1
L0PB
3000 Units on Tape and Reel
3.1
STD
LP2985IM5-3.1
L0PB
1000 Units on Tape and Reel
3.2
A
LP2985AIM5X-3.2
L0QA
3000 Units on Tape and Reel
3.2
A
LP2985AIM5-3.2
L0QA
1000 Units on Tape and Reel
3.2
STD
LP2985IM5X-3.2
L0QB
3000 Units on Tape and Reel
3.2
STD
LP2985IM5-3.2
L0QB
1000 Units on Tape and Reel
3.3
A
LP2985AIM5X-3.3
L0RA
3000 Units on Tape and Reel
3.3
A
LP2985AIM5-3.3
L0RA
1000 Units on Tape and Reel
3.3
STD
LP2985IM5X-3.3
L0RB
3000 Units on Tape and Reel
3.3
STD
LP2985IM5-3.3
L0RB
1000 Units on Tape and Reel
3.5
A
LP2985AIM5X-3.5
LAIA
3000 Units on Tape and Reel
3.5
A
LP2985AIM5-3.5
LAIA
1000 Units on Tape and Reel
3.5
STD
LP2985IM5X-3.5
LAIB
3000 Units on Tape and Reel
3.5
STD
LP2985IM5-3.5
LAIB
1000 Units on Tape and Reel
3.6
A
LP2985AIM5X-3.6
L0SA
3000 Units on Tape and Reel
3.6
A
LP2985AIM5-3.6
L0SA
1000 Units on Tape and Reel
3.6
STD
LP2985IM5X-3.6
L0SB
3000 Units on Tape and Reel
3.6
STD
LP2985IM5-3.6
L0SB
1000 Units on Tape and Reel
3.8
A
LP2985AIM5X-3.8
L0YA
3000 Units on Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com