Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2985
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2985 Datasheet HTML 1Page - National Semiconductor (TI) LP2985 Datasheet HTML 2Page - National Semiconductor (TI) LP2985 Datasheet HTML 3Page - National Semiconductor (TI) LP2985 Datasheet HTML 4Page - National Semiconductor (TI) LP2985 Datasheet HTML 5Page - National Semiconductor (TI) LP2985 Datasheet HTML 6Page - National Semiconductor (TI) LP2985 Datasheet HTML 7Page - National Semiconductor (TI) LP2985 Datasheet HTML 8Page - National Semiconductor (TI) LP2985 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Ordering Information (Continued)
TABLE 1. Package Marking and Ordering Information (Continued)
Output Voltage (V)
Grade
Order Information
Package
Marking
Supplied as:
3.8
A
LP2985AIM5-3.8
L0YA
1000 Units on Tape and Reel
3.8
STD
LP2985IM5X-3.8
L0YB
3000 Units on Tape and Reel
3.8
STD
LP2985IM5-3.8
L0YB
1000 Units on Tape and Reel
4.0
A
LP2985AIM5X-4.0
L0TA
3000 Units on Tape and Reel
4.0
A
LP2985AIM5-4.0
L0TA
1000 Units on Tape and Reel
4.0
STD
LP2985IM5X-4.0
L0TB
3000 Units on Tape and Reel
4.0
STD
LP2985IM5-4.0
L0TB
1000 Units on Tape and Reel
4.5
A
LP2985AIM5X-4.5
LA7A
3000 Units on Tape and Reel
4.5
A
LP2985AIM5-4.5
LA7A
1000 Units on Tape and Reel
4.5
STD
LP2985IM5X-4.5
LA7B
3000 Units on Tape and Reel
4.5
STD
LP2985IM5-4.5
LA7B
1000 Units on Tape and Reel
4.7
A
LP2985AIM5X-4.7
LAJA
3000 Units on Tape and Reel
4.7
A
LP2985AIM5-4.7
LAJA
1000 Units on Tape and Reel
4.7
STD
LP2985IM5X-4.7
LAJB
3000 Units on Tape and Reel
4.7
STD
LP2985IM5-4.7
LAJB
1000 Units on Tape and Reel
4.8
A
LP2985AIM5X-4.8
LAKA
3000 Units on Tape and Reel
4.8
A
LP2985AIM5-4.8
LAKA
1000 Units on Tape and Reel
4.8
STD
LP2985IM5X-4.8
LAKB
3000 Units on Tape and Reel
4.8
STD
LP2985IM5-4.8
LAKB
1000 Units on Tape and Reel
5.0
A
LP2985AIM5X-5.0
L0UA
3000 Units on Tape and Reel
5.0
A
LP2985AIM5-5.0
L0UA
1000 Units on Tape and Reel
5.0
STD
LP2985IM5X-5.0
L0UB
3000 Units on Tape and Reel
5.0
STD
LP2985IM5-5.0
L0UB
1000 Units on Tape and Reel
5.3
A
LP2985AIM5X-5.3
LFYA
3000 Units on Tape and Reel
5.3
A
LP2985AIM5-5.3
LFYA
1000 Units on Tape and Reel
5.3
STD
LP2985IM5X-5.3
LFYB
3000 Units on Tape and Reel
5.3
STD
LP2985IM5-5.3
LFYB
1000 Units on Tape and Reel
6.1
A
LP2985AIM5X-6.1
LF6A
3000 Units on Tape and Reel
6.1
A
LP2985AIM5-6.1
LF6A
1000 Units on Tape and Reel
6.1
STD
LP2985IM5X-6.1
LF6B
3000 Units on Tape and Reel
6.1
STD
LP2985IM5-6.1
LF6B
1000 Units on Tape and Reel
12
(Note 11)
A
LP2985AIM5X-12
LH1A
3000 Units on Tape and Reel
12
(Note 11)
A
LP2985AIM5-12
LH1A
1000 Units on Tape and Reel
12
(Note 11)
STD
LP2985IM5X-12
LH1B
3000 Units on Tape and Reel
12
(Note 11)
STD
LP2985IM5-12
LH1B
1000 Units on Tape and Reel
micro SMD, 5 Bump Package (BPA05 - 170 µm ball)
2.4
A
LP2985AIBP-2.4
250 Units on Tape and Reel
2.4
A
LP2985AIBPX-2.4
3000 Units on Tape and Reel
2.4
STD
LP2985IBP-2.4
250 Units on Tape and Reel
2.4
STD
LP2985IBPX-2.4
3000 Units on Tape and Reel
2.5
A
LP2985AIBP-2.5
250 Units on Tape and Reel
2.5
A
LP2985AIBPX-2.5
3000 Units on Tape and Reel
2.5
STD
LP2985IBP-2.5
250 Units on Tape and Reel
2.5
STD
LP2985IBPX-2.5
3000 Units on Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com