Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2985
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2985 Datasheet HTML 1Page - National Semiconductor (TI) LP2985 Datasheet HTML 2Page - National Semiconductor (TI) LP2985 Datasheet HTML 3Page - National Semiconductor (TI) LP2985 Datasheet HTML 4Page - National Semiconductor (TI) LP2985 Datasheet HTML 5Page - National Semiconductor (TI) LP2985 Datasheet HTML 6Page - National Semiconductor (TI) LP2985 Datasheet HTML 7Page - National Semiconductor (TI) LP2985 Datasheet HTML 8Page - National Semiconductor (TI) LP2985 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Ordering Information (Continued)
TABLE 1. Package Marking and Ordering Information (Continued)
Output Voltage (V)
Grade
Order Information
Package
Marking
Supplied as:
2.6
A
LP2985AIBP-2.6
250 Units on Tape and Reel
2.6
A
LP2985AIBPX-2.6
3000 Units on Tape and Reel
2.6
STD
LP2985IBP-2.6
250 Units on Tape and Reel
2.6
STD
LP2985IBPX-2.6
3000 Units on Tape and Reel
2.8
A
LP2985AIBP-2.8
250 Units on Tape and Reel
2.8
A
LP2985AIBPX-2.8
3000 Units on Tape and Reel
2.8
STD
LP2985IBP-2.8
250 Units on Tape and Reel
2.8
STD
LP2985IBPX-2.8
3000 Units on Tape and Reel
2.9
A
LP2985AIBP-2.9
250 Units on Tape and Reel
2.9
A
LP2985AIBPX-2.9
3000 Units on Tape and Reel
2.9
STD
LP2985IBP-2.9
250 Units on Tape and Reel
2.9
STD
LP2985IBPX-2.9
3000 Units on Tape and Reel
3.0
A
LP2985AIBP-3.0
250 Units on Tape and Reel
3.0
A
LP2985AIBPX-3.0
3000 Units on Tape and Reel
3.0
STD
LP2985IBP-3.0
250 Units on Tape and Reel
3.0
STD
LP2985IBPX-3.0
3000 Units on Tape and Reel
3.3
A
LP2985AIBP-3.3
250 Units on Tape and Reel
3.3
A
LP2985AIBPX-3.3
3000 Units on Tape and Reel
3.3
STD
LP2985IBPX-3.3
250 Units on Tape and Reel
3.3
STD
LP2985IBPX-3.3
3000 Units on Tape and Reel
3.6
A
LP2985AIBP-3.6
250 Units on Tape and Reel
3.6
A
LP2985AIBPX-3.6
3000 Units on Tape and Reel
3.6
STD
LP2985IBP-3.6
250 Units on Tape and Reel
3.6
STD
LP2985IBPX-3.6
3000 Units on Tape and Reel
4.0
A
LP2985AIBP-4.0
250 Units on Tape and Reel
4.0
A
LP2985AIBPX-4.0
3000 Units on Tape and Reel
4.0
STD
LP2985IBP-4.0
250 Units on Tape and Reel
4.0
STD
LP2985IBPX-4.0
3000 Units on Tape and Reel
5.0
A
LP2985AIBP-5.0
250 Units on Tape and Reel
5.0
A
LP2985AIBPX-5.0
3000 Units on Tape and Reel
5.0
STD
LP2985IBP-5.0
250 Units on Tape and Reel
5.0
STD
LP2985IBPX-5.0
3000 Units on Tape and Reel
micro SMD, 5 Bump Package (TPA05 - 170 µm ball)
2.5
A
LP2985AITP-2.5
250 Units on Tape and Reel
2.5
A
LP2985AITPX-2.5
3000 Units on Tape and Reel
2.5
STD
LP2985ITP-2.5
250 Units on Tape and Reel
2.5
STD
LP2985ITPX-2.5
3000 Units on Tape and Reel
2.7
A
LP2985AITP-2.7
250 Units on Tape and Reel
2.7
A
LP2985AITPX-2.7
3000 Units on Tape and Reel
2.7
STD
LP2985ITP-2.7
250 Units on Tape and Reel
2.7
STD
LP2985ITPX-2.7
3000 Units on Tape and Reel
2.8
A
LP2985AITP-2.8
250 Units on Tape and Reel
2.8
A
LP2985AITPX-2.8
3000 Units on Tape and Reel
2.8
STD
LP2985ITP-2.8
250 Units on Tape and Reel
2.8
STD
LP2985ITPX-2.8
3000 Units on Tape and Reel
5.0
A
LP2985AITP-5.0
250 Units on Tape and Reel
5.0
A
LP2985AITPX-5.0
3000 Units on Tape and Reel
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com