Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

567LBB250M2CF Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 567LBB250M2CF
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

567LBB250M2CF Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  567LBB250M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb-17
Lead Style Options
Code 2 (standard)
Diameter 20 to 40 mm
Code W
Diameter 20 to 40 mm
Code P
Diameter 22 to 35 mm
Code D
Diameter 30 to 40 mm
Code 9
Diameter 25 to 35 mm
Code T
Diameter 25 to 35 mm
Code 4
Diameter 35 to 45 mm
Code 4S (straight leads)
Diameter 35 to 45 mm
Code 5
Diameter 40 to 50 mm
Code G
D
35
40
50
63
76
P
14
14
18
25
25
Diameter 35 to 76 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com