Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

567LBB250M2CF Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 567LBB250M2CF
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

567LBB250M2CF Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  567LBB250M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LBB
+85°C, Extended Life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
680
250
687LBB250M2ED
365.71
3.28
35x30
680
350
687LBB350M2EG
365.71
3.18
35x45
680
400
687LBB400M2EH
365.71
3.85
35x50
820
160
827LBB160M2DD
202.18
2.7
30x30
820
160
827LBB160M2CE
202.18
2.58
25x35
820
160
827LBB160M2BG
202.18
2.68
22x45
820
200
827LBB200M2DD
202.18
3.13
30x30
820
200
827LBB200M2CF
202.18
3.17
25x40
820
200
827LBB200M2EC
303.27
3.21
35x25
820
250
827LBB250M2CH
202.18
3.67
25x50
820
250
827LBB250M2DF
202.18
3.69
30x40
820
250
827LBB250M2ED
303.27
3.6
35x30
1000
80
108LBB080M2BC
248.68
1.5
22x25
1000
100
108LBB100M2CC
248.68
2
25x25
1000
100
108LBB100M2BD
248.68
2
22x30
1000
160
108LBB160M2BH
165.79
3.11
22x50
1000
160
108LBB160M2EC
248.68
3.05
35x25
1000
160
108LBB160M2DD
165.79
2.98
30x30
1000
160
108LBB160M2CF
165.79
3.02
25x40
1000
200
108LBB200M2CH
165.79
3.87
25x50
1000
200
108LBB200M2DE
165.79
3.68
30x35
1000
200
108LBB200M2ED
248.68
3.8
35x30
1000
250
108LBB250M2EE
248.68
4.22
35x35
1000
250
108LBB250M2DG
165.79
4.28
30x45
1200
100
128LBB100M2BD 207.233
2.1
22x30
1200
100
128LBB100M2CC 207.233
2.1
25x25
1200
160
128LBB160M2ED
207.23
3.59
35x30
1200
160
128LBB160M2CG
138.16
3.49
25x45
1200
160
128LBB160M2DE
138.16
3.48
30x35
1200
200
128LBB200M2DF
138.16
4.26
30x40
1200
200
128LBB200M2EE
207.23
4.42
35x35
1200
250
128LBB250M2DH
138.16
4.91
30x50
1200
250
128LBB250M2EF
207.23
4.88
35x40
1500
63
158LBB063M2BC 165.786
1.66
22x25
1500
80
158LBB080M2BD 165.786
2
22x30
1500
80
158LBB080M2CC 165.786
2
25x25
1500
100
158LBB100M2CD 165.786
2.43
25x30
1500
100
158LBB100M2BE 165.786
2.41
22x35
1500
100
158LBB100M2DC 165.786
2.46
30x25
1500
160
158LBB160M2EE 165.786
4.26
35x35
1500
160
158LBB160M2DF
110.52
4.11
30x40
1500
200
158LBB200M2EF 165.786
5.02
35x40
1500
250
158LBB250M2EH 165.786
5.74
35x50
1800
100
188LBB100M2DD
138.16
2.35
30x30
1800
100
188LBB100M2BF
138.16
2.77
22x40
1800
100
188LBB100M2CE
138.16
2.75
25x35
1800
160
188LBB160M2DG
92.1
4.73
30x45
1800
160
188LBB160M2EE
138.16
4.67
35x35
1800
200
188LBB200M2EG
138.16
4.32
35x45
2200
50
228LBB050M2BC
150.71
1.91
22x25
2200
63
228LBB063M2BD
113.04
2.31
22x30
2200
63
228LBB063M2CC
113.04
2.3
25x25
2200
80
228LBB080M2CD
113.04
2.46
25x30
2200
80
228LBB080M2DC
113.04
2.49
30x25
2200
80
228LBB080M2BF
113.04
2.44
22x40
2200
100
228LBB100M2CF
113.04
3.13
25x40
2200
100
228LBB100M2BH
113.04
3.08
22x50
2200
100
228LBB100M2EC
113.04
3.14
35x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
2200
100
228LBB100M2DD
113.04
3.09
30x30
2200
160
228LBB160M2EG
113.04
4.96
35x45
2200
200
228LBB200M2EH
113.04
4.92
35x50
3300
35
338LBB035M2BC
125.6
2.05
22x25
3300
50
338LBB050M2BD
100.48
2.37
22x30
3300
50
338LBB050M2CC
100.48
2.38
25x25
3300
63
338LBB063M2CD
75.36
2.64
25x30
3300
63
338LBB063M2BE
75.36
2.62
22x35
3300
63
338LBB063M2DC
75.36
2.78
30x25
3300
80
338LBB080M2BH
75.36
3.16
22x50
3300
80
338LBB080M2EC
75.36
3.5
35x25
3300
80
338LBB080M2DD
75.36
3.17
30x30
3300
80
338LBB080M2CF
75.36
3.21
25x40
3300
100
338LBB100M2ED
75.36
4.05
35x30
3300
100
338LBB100M2CH
75.36
4.06
25x50
3300
100
338LBB100M2DF
75.36
4.05
30x40
4700
25
478LBB025M2BC
105.82
2.25
22x25
4700
35
478LBB035M2BD
88.18
2.41
22x30
4700
35
478LBB035M2CC
88.18
2.42
25x25
4700
50
478LBB050M2CD
70.55
2.98
25x30
4700
50
478LBB050M2BE
70.55
2.72
22x35
4700
50
478LBB050M2DC
70.55
2.81
30x25
4700
63
478LBB063M2DD
52.91
3.32
30x30
4700
63
478LBB063M2CE
52.91
2.79
25x35
4700
63
478LBB063M2BG
52.91
3.04
22x45
4700
63
478LBB063M2EC
52.91
3.36
35x25
4700
80
478LBB080M2CH
52.91
4.05
25x50
4700
80
478LBB080M2DF
52.91
4.05
30x40
4700
80
478LBB080M2ED
52.91
4.09
35x30
4700
100
478LBB100M2EF
52.91
5.11
35x40
4700
100
478LBB100M2DH
52.91
5.13
30x50
6800
16
688LBB016M2BC
121.9
2.4
22x25
6800
25
688LBB025M2CC
73.14
2.56
25x25
6800
25
688LBB025M2BD
73.14
2.4
22x30
6800
35
688LBB035M2BE
60.95
2.82
22x35
6800
35
688LBB035M2CD
60.95
2.74
25x30
6800
35
688LBB035M2DC
60.95
2.97
30x25
6800
50
688LBB050M2DD
48.76
3
30x30
6800
50
688LBB050M2CF
48.76
3.81
25x40
6800
50
688LBB050M2BH
48.76
3.81
22x50
6800
50
688LBB050M2EC
48.76
3.23
35x25
6800
63
688LBB063M2CH
36.57
4.27
25x50
6800
63
688LBB063M2DE
48.76
3.46
30x35
6800
63
688LBB063M2ED
48.76
4.15
35x30
6800
80
688LBB080M2DH
36.57
5.16
30x50
6800
80
688LBB080M2EF
36.57
5.14
35x40
6800
100
688LBB100M2EH
36.57
6.5
35x50
10000
16
109LBB016M2BC
82.89
2.77
22x25
10000
16
109LBB016M2CC
66.3
2.67
25x25
10000
25
109LBB025M2CD
49.736
3.12
25x30
10000
25
109LBB025M2BE
49.736
3.2
22x35
10000
25
109LBB025M2DC
49.736
3.21
30x25
10000
35
109LBB035M2EC
41.45
3.02
35x25
10000
35
109LBB035M2BG
49.736
3.34
22x45
10000
35
109LBB035M2DD
41.45
3.46
30x30
10000
35
109LBB035M2CE
41.45
3.06
25x35
10000
50
109LBB050M2DE
33.16
3.35
30x35
10000
50
109LBB050M2ED
33.16
3.64
35x30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com