Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

567LBB250M2CF Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 567LBB250M2CF
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

567LBB250M2CF Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  567LBB250M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc. 567LBB250M2CF Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LBB
+85°C, Extended Life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
82
400
826LBB400M2BC 3032.68
0.76
22x25
82
450
826LBB450M2BD 3032.68
0.83
22x30
100
350
107LBB350M2BC
2486.8
0.86
22x25
100
400
107LBB400M2BD
2486.8
0.91
22x30
100
400
107LBB400M2CC
2486.8
0.91
25x25
100
450
107LBB450M2BE
2486.8
0.97
22x35
100
450
107LBB450M2CC
2486.8
0.9
25x25
100
450
107LBB450M2DC
2486.8
1.02
30x25
100
450
107LBB450M2CD
2486.8
0.98
25x30
120
350
127LBB350M2CC 2072.33
0.86
25x25
120
350
127LBB350M2BD 2072.33
0.86
22x30
120
400
127LBB400M2CC 2072.33
1
25x25
120
400
127LBB400M2BD 2072.33
1
22x30
120
450
127LBB450M2DC 2072.33
1.12
30x25
120
450
127LBB450M2BF 2072.33
1.13
22x40
120
450
127LBB450M2CD 2072.33
1.08
25x30
150
350
157LBB350M2CC 1657.86
1.1
25x25
150
350
157LBB350M2BD 1657.86
0.96
22x30
150
400
157LBB400M2DC 1657.86
1.25
30x25
150
400
157LBB400M2CD 1657.86
1.2
25x30
150
400
157LBB400M2BE 1657.86
1.19
22x35
150
450
157LBB450M2DD 1657.86
1.34
30x30
150
450
157LBB450M2CE 1657.86
1.28
25x35
150
450
157LBB450M2BG 1657.86
1.33
22x45
180
350
187LBB350M2BE 1381.55
1.13
22x35
180
350
187LBB350M2CD 1381.55
1.14
25x30
180
350
187LBB350M2DC 1381.55
1.18
30x25
180
400
187LBB400M2BF 1381.55
1.38
22x40
180
400
187LBB400M2CE 1381.55
1.4
25x35
180
400
187LBB400M2DC 1381.55
1.37
30x25
180
450
187LBB450M2BH 1381.55
1.53
22x50
180
450
187LBB450M2DD 1381.55
1.47
30x30
180
450
187LBB450M2EC 1381.55
1.5
35x25
180
450
187LBB450M2CF 1381.55
1.49
25x40
220
200
227LBB200M2BC
753.57
1.25
22x25
220
250
227LBB250M2BC
753.57
1.31
22x25
220
350
227LBB350M2BF 1130.36
1.32
22x40
220
350
227LBB350M2CE 1130.36
1.44
25x35
220
350
227LBB350M2DC 1130.36
1.3
30x25
220
400
227LBB400M2BH 1130.36
1.69
22x50
220
400
227LBB400M2EC 1130.36
1.66
35x25
220
400
227LBB400M2CF 1130.36
1.64
25x40
220
400
227LBB400M2DD 1130.36
1.62
30x30
220
450
227LBB450M2CG 1130.36
1.73
25x45
220
450
227LBB450M2DE 1130.36
1.72
30x35
220
450
227LBB450M2ED 1130.36
1.78
35x30
270
200
277LBB200M2BC
614.02
1.67
22x25
270
250
277LBB250M2BD
614.02
1.57
22x30
270
250
277LBB250M2CC
614.02
1.57
25x25
270
350
277LBB350M2BH
921.04
1.61
22x50
270
350
277LBB350M2CF
921.04
1.57
25x40
270
350
277LBB350M2DD
921.04
1.55
30x30
270
350
277LBB350M2EC
921.04
1.59
35x25
270
400
277LBB400M2CG
921.04
1.92
25x45
270
400
277LBB400M2DE
921.04
1.91
30x35
270
400
277LBB400M2ED
921.04
1.97
35x30
270
450
277LBB450M2EE
921.04
2.1
35x35
270
450
277LBB450M2DF
921.04
2.02
30x40
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
330
160
337LBB160M2BC
502.38
1.4
22x25
330
200
337LBB200M2BD
502.38
1.66
22x30
330
200
337LBB200M2CC
502.38
1.66
25x25
330
250
337LBB250M2BE
502.38
1.85
22x35
330
250
337LBB250M2CD
502.38
1.87
25x30
330
350
337LBB350M2CG
753.57
1.82
25x45
330
350
337LBB350M2DE
753.57
1.83
30x35
330
400
337LBB400M2CH
753.57
2.22
25x50
330
400
337LBB400M2ED
753.57
2.18
35x30
330
400
337LBB400M2DF
753.57
2.23
30x40
330
450
337LBB450M2DG
753.57
2.35
30x45
330
450
337LBB450M2EE
753.57
2.32
35x35
390
160
397LBB160M2BC
425.09
1.44
22x25
390
200
397LBB200M2BD
425.09
1.8
22x30
390
200
397LBB200M2CC
425.09
1.8
25x25
390
250
397LBB250M2BE
425.09
2.01
22x35
390
250
397LBB250M2CD
425.09
2.03
25x30
390
250
397LBB250M2DC
425.09
2.1
30x25
390
350
397LBB350M2DF
637.64
2.1
30x40
390
350
397LBB350M2ED
637.64
2.04
35x30
390
350
397LBB350M2CH
637.64
2.08
25x50
390
400
397LBB400M2EE
637.64
2.52
35x35
390
400
397LBB400M2DG
637.64
2.55
30x45
390
450
397LBB450M2EF
637.64
2.66
35x40
470
160
477LBB160M2BD
352.74
1.73
22x30
470
160
477LBB160M2CC
352.74
1.74
25x25
470
200
477LBB200M2CD
352.74
2.13
25x30
470
200
477LBB200M2DC
352.74
2.21
30x25
470
200
477LBB200M2BE
352.74
1.78
22x35
470
250
477LBB250M2DC
352.74
2.31
30x25
470
250
477LBB250M2BF
352.74
2.34
22x40
470
250
477LBB250M2EC
529.11
2.54
35x25
470
250
477LBB250M2CE
352.74
2.38
25x35
470
350
477LBB350M2EE
529.11
2.38
35x35
470
350
477LBB350M2DF
529.11
2.3
30x40
470
400
477LBB400M2EF
529.11
2.92
35x40
470
450
477LBB450M2EG
529.11
3.07
35x45
560
160
567LBB160M2BE
296.05
1.99
22x35
560
160
567LBB160M2CC
296.05
1.95
25x25
560
200
567LBB200M2BF
296.05
2.44
22x40
560
200
567LBB200M2DC
296.05
2.41
30x25
560
200
567LBB200M2CE
296.05
2.48
25x35
560
250
567LBB250M2DD
296.05
2.71
30x30
560
250
567LBB250M2CF
296.05
2.74
25x40
560
250
567LBB250M2EC
444.07
2.78
35x25
560
250
567LBB250M2BH
296.05
2.82
22x50
560
350
567LBB350M2EF
444.07
2.75
35x40
560
350
567LBB350M2DH
444.07
2.76
30x50
560
400
567LBB400M2EG
444.07
3.34
35x45
680
160
687LBB160M2DC
243.8
2.29
30x25
680
160
687LBB160M2BF
243.8
2.32
22x40
680
160
687LBB160M2CD
243.8
2.21
25x30
680
200
687LBB200M2CE
243.8
2.73
25x35
680
200
687LBB200M2DD
243.8
2.85
30x30
680
200
687LBB200M2BG
243.8
2.83
22x45
680
200
687LBB200M2EC
365.71
2.92
35x25
680
250
687LBB250M2CG
243.8
3.19
25x45
680
250
687LBB250M2DE
243.8
3.18
30x35



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com