Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2992
Description  Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2992 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2992 Datasheet HTML 1Page - National Semiconductor (TI) LP2992 Datasheet HTML 2Page - National Semiconductor (TI) LP2992 Datasheet HTML 3Page - National Semiconductor (TI) LP2992 Datasheet HTML 4Page - National Semiconductor (TI) LP2992 Datasheet HTML 5Page - National Semiconductor (TI) LP2992 Datasheet HTML 6Page - National Semiconductor (TI) LP2992 Datasheet HTML 7Page - National Semiconductor (TI) LP2992 Datasheet HTML 8Page - National Semiconductor (TI) LP2992 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature
Range
−40˚C to +125˚C
Lead Temp. (Soldering, 5 sec.)
260˚C
ESD Rating (Note 2)
2 kV
Power Dissipation (Note 3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.2V to +16V
Shutdown Input Voltage (Survival)
−0.3V to +16V
Output Voltage (Survival, (Note 4))
−0.3V to +9V
I
OUT (Survival)
Short Circuit
Protected
Input-Output Voltage (Survival,
−0.3V to +16V
(Note 5))
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C. and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CIN = 1 µF, COUT = 4.7 µF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2992AI-X.X
LP2992I-X.X
Units
(Note 6)
(Note 6)
Min
Max
Min
Max
∆V
O
Output Voltage
Tolerance
I
L = 1 mA
−1.0
1.0
−1.5
1.5
%V
NOM
1mA
≤ I
L
≤ 50 mA
−1.5
1.5
−2.5
2.5
−2.5
2.5
−3.5
3.5
1mA
≤ I
L
≤ 250 mA
−3.5
3.5
−4.0
4.0
−4.5
4.5
−5.0
5.0
Output Voltage
V
O(NOM)+1V
≤ V
IN
≤ 16V
0.007
0.014
0.014
%/V
Line Regulation
0.032
0.032
V
IN(min)
Minimum input voltage
required to maintain
outpout regulation
2.05
2.20
2.20
V
V
IN–VO
Dropout Voltage
(Note 7)
I
L = 0
0.5
2.5
2.5
mV
44
I
L =1mA
5
9
9
12
12
I
L = 50 mA
100
125
125
180
180
I
L = 150 mA
260
325
325
470
470
I
L = 250 mA
450
575
575
850
850
I
GND
Ground Pin Current
I
L = 0
65
95
95
µA
125
125
I
L = 1 mA
75
110
110
170
170
I
L = 50 mA
350
600
600
1000
1000
I
L = 150 mA
850
1500
1500
2500
2500
I
L = 250 mA
1500
2300
2300
4000
4000
V
ON/OFF < 0.3V
0.01
0.8
0.8
V
ON/OFF < 0.15V
0.05
2
2
V
ON/OFF
ON/OFF Input Voltage
(Note 8)
High = O/P ON
1.4
1.6
1.6
V
Low = O/P OFF
0.55
0.15
0.15
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com