Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2992
Description  Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2992 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2992 Datasheet HTML 1Page - National Semiconductor (TI) LP2992 Datasheet HTML 2Page - National Semiconductor (TI) LP2992 Datasheet HTML 3Page - National Semiconductor (TI) LP2992 Datasheet HTML 4Page - National Semiconductor (TI) LP2992 Datasheet HTML 5Page - National Semiconductor (TI) LP2992 Datasheet HTML 6Page - National Semiconductor (TI) LP2992 Datasheet HTML 7Page - National Semiconductor (TI) LP2992 Datasheet HTML 8Page - National Semiconductor (TI) LP2992 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP2992
Micropower 250 mA Low-Noise Ultra Low-Dropout
Regulator in SOT-23 and LLP Packages
Designed for Use with Very Low ESR Output Capacitors
General Description
The LP2992 is a 250 mA, fixed-output voltage regulator
designed to provide ultra low-dropout and low noise in bat-
tery powered applications.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, the LP2992 delivers unequalled performance in all
specifications critical to battery-powered designs:
Dropout Voltage: Typically 450 mV @ 250 mA load, and
5mV @ 1 mA load.
Ground Pin Current: Typically 1500 µA @ 250 mA load, and
75 µA @ 1 mA load.
Enhanced Stability: The LP2992 is stable with output ca-
pacitor ESR as low as 5 m
Ω, which allows the use of ceramic
capacitors on the output.
Sleep Mode: Less than 1 µA quiescent current when
ON/OFF pin is pulled low.
Smallest Possible Size: SOT-23 and LLP packages use
absolute minimum board space.
Precision Output: 1% tolerance output voltages available
(A grade).
Low Noise: By adding a 10 nF bypass capacitor, output
noise can be reduced to 30 µV (typical).
Multiple voltage options, from 1.5V to 5.0V, are available as
standard products. Consult factory for custom voltages.
Features
n
Ultra low dropout voltage
n
Guaranteed 250 mA output current
n
Smallest possible size (SOT-23, LLP package)
n
Requires minimum external components
n
Stable with low-ESR output capacitor
n <
1 µA quiescent current when shut down
n
Low ground pin current at all loads
n
Output voltage accuracy 1% (A Grade)
n
High peak current capability
n
Wide supply voltage range (16V max)
n
Low Z
OUT: 0.3
Ω typical (10 Hz to 1 MHz)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
n
Custom voltages available
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Personal Digital Assistant (PDA)
n
Camcorder, Personal Stereo, Camera
Block Diagram
20029401
VIPis a trademark of National Semiconductor Corporation.
June 2002
© 2002 National Semiconductor Corporation
DS200294
www.national.com


Similar Part No. - LP2992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2992 TI2-LP2992 Datasheet
9Mb / 43P
LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
REVISED FEBRUARY 2025
LP2992AILD-1.5 TI1-LP2992AILD-1.5 Datasheet
1Mb / 28P
LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
LP2992AILD-1.5 TI1-LP2992AILD-1.5 Datasheet
1Mb / 35P
Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP2992AILD-1.5/NO.A TI2-LP2992AILD-1.5/NO.A Datasheet
9Mb / 43P
LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
REVISED FEBRUARY 2025
LP2992AILD-1.5/NOPB TI1-LP2992AILD-1.5/NOPB Datasheet
1Mb / 28P
LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
More results

Similar Description - LP2992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2992IM5-5.0-NOPB TI1-LP2992IM5-5.0-NOPB Datasheet
1Mb / 28P
LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com