Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2992 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2992
Description  Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2992 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP2992 Datasheet HTML 7Page - National Semiconductor (TI) LP2992 Datasheet HTML 8Page - National Semiconductor (TI) LP2992 Datasheet HTML 9Page - National Semiconductor (TI) LP2992 Datasheet HTML 10Page - National Semiconductor (TI) LP2992 Datasheet HTML 11Page - National Semiconductor (TI) LP2992 Datasheet HTML 12Page - National Semiconductor (TI) LP2992 Datasheet HTML 13Page - National Semiconductor (TI) LP2992 Datasheet HTML 14Page - National Semiconductor (TI) LP2992 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Hints (Continued)
It should also be noted that the ESR of a typical Tantalum will
increase about 2:1 as the temperature goes from 25˚C down
to −40˚C, so some guard band must be allowed.
ON/OFF INPUT OPERATION
The LP2992 is shut off by driving the ON/OFF input low, and
turned on by pulling it high. If this feature is not to be used,
the ON/OFF input should be tied to V
IN to keep the regulator
output on at all times.
To assure proper operation, the signal source used to drive
the ON/OFF input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds listed in the
Electrical Characteristics section under V
ON/OFF. To prevent
mis-operation, the turn-on (and turn-off) voltage signals ap-
plied to the ON/OFF input must have a slew rate which is
≥ 40 mV/µs.
Caution: the regulator output voltage can not be guaranteed
if a slow-moving AC (or DC) signal is applied that is in the
range between the specified turn-on and turn-off voltages
listed under the electrical specification V
ON/OFF (see Electri-
cal Characteristics).
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the
LP2992 has an inherent diode connected between the regu-
lator output and input. During normal operation (where the
input voltage is higher than the output) this diode is
reverse-biased.
However, if the output is pulled above the input, this diode
will turn ON and current will flow into the regulator output. In
such cases, a parasitic SCR can latch which will allow a high
current to flow into V
IN (and out the ground pin), which can
damage the part.
In any application where the output may be pulled above the
input, an external Schottky diode must be connected from
V
IN to VOUT (cathode on VIN, anode on VOUT), to limit the
reverse voltage across the LP2992 to 0.3V (see Absolute
Maximum Ratings).
LLP Mounting
The LLP package requires specific mounting techniques
which are detailed in National Semiconductor Application
Note # 1187. Referring to the section PCB Design Recom-
mendations, it should be noted that the pad style which
should be used with the LLP package is the NSMD
(non-solder mask defined) type.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com