Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2995
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2995 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2995 Datasheet HTML 2Page - National Semiconductor (TI) LP2995 Datasheet HTML 3Page - National Semiconductor (TI) LP2995 Datasheet HTML 4Page - National Semiconductor (TI) LP2995 Datasheet HTML 5Page - National Semiconductor (TI) LP2995 Datasheet HTML 6Page - National Semiconductor (TI) LP2995 Datasheet HTML 7Page - National Semiconductor (TI) LP2995 Datasheet HTML 8Page - National Semiconductor (TI) LP2995 Datasheet HTML 9Page - National Semiconductor (TI) LP2995 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Block Diagram
20039301
Description
The LP2995 is a linear bus termination regulator designed to
meet the JEDEC requirements of SSTL-2 and SSTL-3. The
LP2995 is capable of sinking and sourcing current at the
output V
TT, regulating the voltage to equal VDDQ / 2. A
buffered reference voltage that also tracks VDDQ/2is
generated on the V
REF pin for providing a global reference to
the DDR-SDRAM and Northbridge Chipset. V
TT is designed
to track the V
REF voltage with a tight tolerance over the
entire current range while preventing shoot through on the
output stage.
Series Stub Termination Logic (SSTL) was created to im-
prove signal integrity of the data transmission across the
memory bus. This termination scheme is essential to prevent
data error from signal reflections while transmitting at high
frequencies encountered with DDR RAM. The most common
form of termination is Class II single parallel termination. This
involves using one Rs series resistor from the chipset to the
memory and one Rt termination resistor. This implementa-
tion can be seen below in Figure 1.
Typical values for R
S and RT are 25 Ohms although these
can be changed to scale the current requirements from the
LP2995. For determination of the current requirements of
DDR-SDRAM termination please refer to the accompanying
application notes.
20039308
FIGURE 1.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com