Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2995
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2995 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP2995 Datasheet HTML 5Page - National Semiconductor (TI) LP2995 Datasheet HTML 6Page - National Semiconductor (TI) LP2995 Datasheet HTML 7Page - National Semiconductor (TI) LP2995 Datasheet HTML 8Page - National Semiconductor (TI) LP2995 Datasheet HTML 9Page - National Semiconductor (TI) LP2995 Datasheet HTML 10Page - National Semiconductor (TI) LP2995 Datasheet HTML 11Page - National Semiconductor (TI) LP2995 Datasheet HTML 12Page - National Semiconductor (TI) LP2995 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PCB Layout Considerations
1.
AVIN and PVIN should be tied together for optimal per-
formance. A local bypass capacitor should be placed as
close as possible to the PVIN pin.
2.
GND should be connected to a ground plane with mul-
tiple vias for improved thermal performance.
3.
V
SENSE should be connected to the VTT termination bus
at the point where regulation is required. For mother-
board applications an ideal location would be at the
center of the termination bus.
4.
VDDQ can be connected remotely to the VDDQ rail
input at either the DIMM or the Chipset. This provides
the most accurate point for creating the reference volt-
age.
5.
V
REF should be bypassed with a 0.01 µF or 0.1 µF
ceramic capacitor for improved performance. This ca-
pacitor should be located as close as possible to the
V
REF pin.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com