Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2995
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2995 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2995 Datasheet HTML 1Page - National Semiconductor (TI) LP2995 Datasheet HTML 2Page - National Semiconductor (TI) LP2995 Datasheet HTML 3Page - National Semiconductor (TI) LP2995 Datasheet HTML 4Page - National Semiconductor (TI) LP2995 Datasheet HTML 5Page - National Semiconductor (TI) LP2995 Datasheet HTML 6Page - National Semiconductor (TI) LP2995 Datasheet HTML 7Page - National Semiconductor (TI) LP2995 Datasheet HTML 8Page - National Semiconductor (TI) LP2995 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LP2995
DDR Termination Regulator
General Description
The LP2995 linear regulator is designed to meet the JEDEC
SSTL-2 and SSTL-3 specifications for termination of DDR-
SDRAM. The device contains a high-speed operational am-
plifier to provide excellent response to load transients. The
output stage prevents shoot through while delivering 1.5A
continuous current and transient peaks up to 3A in the
application as required for DDR-SDRAM termination. The
LP2995 also incorporates a V
SENSE pin to provide superior
load regulation and a V
REF output as a reference for the
chipset and DDR DIMMS.
Patents Pending
Features
n
Low output voltage offset
n
Works with +5v, +3.3v and 2.5v rails
n
Source and sink current
n
Low external component count
n
No external resistors required
n
Linear topology
n
Available in SO-8, PSOP-8 or LLP-16 packages
n
Low cost and easy to use
Applications
n
DDR Termination Voltage
n
SSTL-2
n
SSTL-3
Typical Application Circuit
20039302
July 2003
© 2003 National Semiconductor Corporation
DS200393
www.national.com


Similar Part No. - LP2995

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2995 TI-LP2995 Datasheet
1Mb / 22P
LP2995 DDR Termination Regulator
LP2995 TI1-LP2995 Datasheet
1Mb / 24P
DDR Termination Regulator
LP2995LQ TI-LP2995LQ Datasheet
1Mb / 22P
LP2995 DDR Termination Regulator
LP2995LQ/NOPB TI1-LP2995LQ/NOPB Datasheet
1Mb / 24P
DDR Termination Regulator
LP2995M TI-LP2995M Datasheet
1Mb / 22P
LP2995 DDR Termination Regulator
More results

Similar Description - LP2995

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com