Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3470 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3470
Description  Tiny Power On Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3470 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3470 Datasheet HTML 1Page - National Semiconductor (TI) LP3470 Datasheet HTML 2Page - National Semiconductor (TI) LP3470 Datasheet HTML 3Page - National Semiconductor (TI) LP3470 Datasheet HTML 4Page - National Semiconductor (TI) LP3470 Datasheet HTML 5Page - National Semiconductor (TI) LP3470 Datasheet HTML 6Page - National Semiconductor (TI) LP3470 Datasheet HTML 7Page - National Semiconductor (TI) LP3470 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Operating Characteristics T
A = +25˚C, unless otherwise specified. (Continued)
V
HYST vs VRTH
V
HYST vs Temperature
10001614
10001609
Pin Description
Pin
Name
Function
1
SRT
Set Reset Time-out Input. Connect a capacitor between this input and ground to select the Reset
Time-out period (t
RP). tRP =2000xC1 (C1 in µF and tRP in ms). If no capacitor is connected,
leave this pin floating.
2
GND
Ground pin.
3V
CC1
Always connect to pin V
CC (Pin 4).
4V
CC
Supply voltage, and reset threshold monitor input.
5
Reset
Open-Drain, Active-Low reset output. Connect to an external pull-up resistor. Reset changes from
high to low whenever the monitored voltage (V
CC) drops below the reset threshold voltage (VRTH).
Once V
CC exceeds VRTH, Reset remains low for the reset timeout period (tRP) and then goes high.
Functional Block Diagram
10001603
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com