Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3470 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3470
Description  Tiny Power On Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3470 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3470 Datasheet HTML 1Page - National Semiconductor (TI) LP3470 Datasheet HTML 2Page - National Semiconductor (TI) LP3470 Datasheet HTML 3Page - National Semiconductor (TI) LP3470 Datasheet HTML 4Page - National Semiconductor (TI) LP3470 Datasheet HTML 5Page - National Semiconductor (TI) LP3470 Datasheet HTML 6Page - National Semiconductor (TI) LP3470 Datasheet HTML 7Page - National Semiconductor (TI) LP3470 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP3470
Tiny Power On Reset Circuit
General Description
The LP3470 is a micropower CMOS voltage supervisory
circuit designed to monitor power supplies in microprocessor
(µP) and other digital systems. It provides maximum adjust-
ability for power-on-reset (POR) and supervisory functions. It
is available in the following six standard reset threshold
voltage (V
RTH) options: 2.63V, 2.93V, 3.08V, 3.65V, 4.00V,
4.38V, and 4.63V. If other voltage options between 2.4V and
5.0V are desired please contact your National Semiconduc-
tor representative.
The LP3470 asserts a reset signal whenever the V
CC supply
voltage falls below a reset threshold. The reset time-out
period is adjustable using an external capacitor. Reset re-
mains asserted for an interval (programmed by an external
capacitor) after V
CC has risen above the threshold voltage.
The device is available in the tiny SOT23-5 package.
Key Specifications
n ±
1% Reset Threshold Accuracy Over Temperature
n
Standard Reset Threshold Voltages: 2.63V, 2.93V,
3.08V, 3.65V, 4.00V, 4.38V, and 4.63V
n
Custom Reset Threshold Voltages: For other voltages
between 2.4V and 5.0V contact your National
Semiconductor representative
n
Very Low Quiescent Current (16 µA typical)
n
Guaranteed Reset valid down to V
CC=0.5V
Features
n
Tiny SOT23-5 Package
n
Open Drain Reset Output
n
Programmable Reset Timeout Period Using an External
Capacitor
n
Immune to Short V
CC Transients
Applications
n
Critical µP and µC Power Monitoring
n
Intelligent Instruments
n
Computers
n
Portable/Battery-Powered Equipments
Pin Configuration and Basic Operating Circuit
Pin Configuration
Basic Operating Circuit
10001602
Top View
See NS Package Number
MF05A
10001601
September 2000
© 2004 National Semiconductor Corporation
DS100016
www.national.com


Similar Part No. - LP3470

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
Voltage Supervisor With Programmable Delay
LP3470A TI1-LP3470A Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A TI1-LP3470A Datasheet
1Mb / 23P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A TI2-LP3470A Datasheet
741Kb / 23P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
REVISED MAY 2020
LP3470A263 TI1-LP3470A263 Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
More results

Similar Description - LP3470

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
STM1810 STMICROELECTRONICS-STM1810 Datasheet
321Kb / 20P
Low Power Reset Circuit
Jun-2005
STM1810 STMICROELECTRONICS-STM1810_07 Datasheet
261Kb / 25P
Low power reset circuit
28-Aug-2007
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
STM1810 STMICROELECTRONICS-STM1810_10 Datasheet
325Kb / 25P
Low power reset circuit
02-Sep-2010
logo
FOTEK CONTROLS CO., LTD...
SK-2D FOTEK-SK-2D Datasheet
111Kb / 1P
POWER ON RESET PRESET DIGITAL COUNTER
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com